Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54340 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54340
Description  42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54340 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54340 Datasheet HTML 1Page - Texas Instruments TPS54340 Datasheet HTML 2Page - Texas Instruments TPS54340 Datasheet HTML 3Page - Texas Instruments TPS54340 Datasheet HTML 4Page - Texas Instruments TPS54340 Datasheet HTML 5Page - Texas Instruments TPS54340 Datasheet HTML 6Page - Texas Instruments TPS54340 Datasheet HTML 7Page - Texas Instruments TPS54340 Datasheet HTML 8Page - Texas Instruments TPS54340 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
SW
VIN
GND
BOOT
FB
COMP
TPS54340
EN
RT/CLK
V
IN
V
OUT
R1
R3
0
10
20
30
40
50
60
70
80
100
0
0.5
1.0
1.5
2.0
I - Output Current - A
O
2.5
3.0
90
3.5
V
= 12V
IN
fsw = 600 kHz
V
= 3.3V
OUT
V
= 5V
OUT
TPS54340
www.ti.com
SLVSBK0A – OCTOBER 2012 – REVISED FEBRUARY 2013
42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode™
Check for Samples: TPS54340
1
FEATURES
2
4.5 V to 42 V (45 V Abs Max) Input Range
Adjustable UVLO Voltage and Hysteresis
3.5 A Continuous Current, 4.5 A Minimum Peak
Internal Soft-Start
Inductor Current Limit
Accurate Cycle-by-Cycle Current Limit
Current Mode Control DC-DC Converter
Thermal, Overvoltage, and Frequency
92-m
Ω High-Side MOSFET
Foldback Protection
High Efficiency at Light Loads with Pulse
0.8 V 1% Internal Voltage Reference
Skipping Eco-mode™
8-Pin HSOIC with PowerPAD™ Package
Low Dropout at Light Loads with Integrated
–40°C to 150°C TJ Operating Range
BOOT Recharge FET
Supported by WEBENCH™ Software Tool
146
μA Operating Quiescent Current
1
μA Shutdown Current
APPLICATIONS
100 kHz to 2.5 MHz Fixed Switching Frequency
12 V, 24 V and 48 V Industrial, Automotive and
Communications Power Systems
Synchronizes to External Clock
DESCRIPTION
The TPS54340 is a 42 V, 3.5 A, step down regulator with an integrated high side MOSFET. The device survives
load dump pulses up to 45 V per ISO 7637. Current mode control provides simple external compensation and
flexible component selection. A low ripple pulse skip mode reduces the no load supply current to 146
μA.
Shutdown supply current is reduced to 1
μA when the enable pin is pulled low.
Undervoltage lockout is internally set at 4.3 V but can be increased using the enable pin. The output voltage start
up ramp is internally controlled to provide a controlled start up and eliminate overshoot.
A wide switching frequency range allows either efficiency or external component size to be optimized. Frequency
foldback and thermal shutdown protects internal and external components during an overload condition.
The TPS54340 is available in an 8-pin thermally enhanced HSOIC PowerPAD™ package.
SIMPLIFIED SCHEMATIC
EFFICIENCY vs LOAD CURRENT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Eco-mode, PowerPAD, WEBENCH are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54340

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54340 TI-TPS54340 Datasheet
1Mb / 44P
[Old version datasheet]   TPS54340 42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
More results

Similar Description - TPS54340

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340 TI-TPS54340_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS54340 42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54240 TI1-TPS54240_16 Datasheet
2Mb / 56P
[Old version datasheet]   3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360_1212 TI1-TPS54360_1212 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54240 TI-TPS54240_15 Datasheet
2Mb / 56P
[Old version datasheet]   TPS54240 3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode?
TPS54040A TI-TPS54040A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5 A, 42 V Step Down DC/DC Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com