Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54340 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54340
Description  42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54340 Datasheet(HTML) 4 Page - Texas Instruments

  TPS54340 Datasheet HTML 1Page - Texas Instruments TPS54340 Datasheet HTML 2Page - Texas Instruments TPS54340 Datasheet HTML 3Page - Texas Instruments TPS54340 Datasheet HTML 4Page - Texas Instruments TPS54340 Datasheet HTML 5Page - Texas Instruments TPS54340 Datasheet HTML 6Page - Texas Instruments TPS54340 Datasheet HTML 7Page - Texas Instruments TPS54340 Datasheet HTML 8Page - Texas Instruments TPS54340 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
TPS54340
SLVSBK0A – OCTOBER 2012 – REVISED FEBRUARY 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VIN
–0.3
45
EN
–0.3
8.4
BOOT
53
Input voltage
V
FB
–0.3
3
COMP
–0.3
3
RT/CLK
–0.3
3.6
BOOT-SW
8
Output voltage
SW
–0.6
45
V
SW, 10-ns Transient
–2
45
Electrostatic Discharge (HBM) QSS 009-105 (JESD22-A114A)
2
kV
Electrostatic Discharge (CDM) QSS 009-147 (JESD22-C101B.01)
500
V
Operating junction temperature
–40 to 150
°C
Storage temperature
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
TPS54340
THERMAL METRIC(1)(2)
UNITS
DDA (8 PINS)
θJA
Junction-to-ambient thermal resistance (standard board)
42.0
ψJT
Junction-to-top characterization parameter
5.9
ψJB
Junction-to-board characterization parameter
23.4
°C/W
θJCtop
Junction-to-case(top) thermal resistance
45.8
θJCbot
Junction-to-case(bottom) thermal resistance
3.6
θJB
Junction-to-board thermal resistance
23.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Power rating at a specific ambient temperature TA should be determined with a junction temperature of 150°C. This is the point where
distortion starts to substantially increase. See power dissipation estimate in application section of this data sheet for more information.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS54340


Similar Part No. - TPS54340

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54340 TI-TPS54340 Datasheet
1Mb / 44P
[Old version datasheet]   TPS54340 42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
More results

Similar Description - TPS54340

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340 TI-TPS54340_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS54340 42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54240 TI1-TPS54240_16 Datasheet
2Mb / 56P
[Old version datasheet]   3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360_1212 TI1-TPS54360_1212 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54240 TI-TPS54240_15 Datasheet
2Mb / 56P
[Old version datasheet]   TPS54240 3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode?
TPS54040A TI-TPS54040A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5 A, 42 V Step Down DC/DC Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com