Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54339DDA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54339DDA
Description  4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54339DDA Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54339DDA Datasheet HTML 2Page - Texas Instruments TPS54339DDA Datasheet HTML 3Page - Texas Instruments TPS54339DDA Datasheet HTML 4Page - Texas Instruments TPS54339DDA Datasheet HTML 5Page - Texas Instruments TPS54339DDA Datasheet HTML 6Page - Texas Instruments TPS54339DDA Datasheet HTML 7Page - Texas Instruments TPS54339DDA Datasheet HTML 8Page - Texas Instruments TPS54339DDA Datasheet HTML 9Page - Texas Instruments TPS54339DDA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
(nF) x V
(nF) x 0.765 1.1
REF
SS
SS
t
(ms) =
=
SS
I
( A)
SS
C
1.1
C
6
´
m
´
TPS54339
SLVSBT2 – JANUARY 2013
www.ti.com
OVERVIEW
The TPS54339 is a 3-A synchronous step-down (buck) converter with two integrated N-channel MOSFETs. It
operates using D-CAP2™ mode control. The fast transient response of D-CAP2™ control reduces the output
capacitance required to meet a specific level of performance. Proprietary internal circuitry allows the use of low
ESR output capacitors including ceramic and special polymer types.
DETAILED DESCRIPTION
PWM Operation
The main control loop of the TPS54339 is an adaptive on-time pulse width modulation (PWM) controller that
supports a proprietary D-CAP2™ mode control. D-CAP2™ mode control combines constant on-time control with
an internal compensation circuit for pseudo-fixed frequency and low external component count configuration with
both low ESR and ceramic output capacitors. It is stable even with virtually no ripple at the output.
At the beginning of each cycle, the high-side MOSFET is turned on. This MOSFET is turned off after internal one
shot timer expires. This one shot is set by the converter input voltage, VIN, and the output voltage, VO, to
maintain a pseudo-fixed frequency over the input voltage range, hence it is called adaptive on-time control. The
one-shot timer is reset and the high-side MOSFET is turned on again when the feedback voltage falls below the
reference voltage. An internal ramp is added to reference voltage to simulate output ripple, eliminating the need
for ESR induced output ripple from D-CAP2™ mode control.
PWM Frequency and Adaptive On-Time Control
TPS54339 uses an adaptive on-time control scheme and does not have a dedicated on board oscillator. The
TPS54339 runs with a pseudo-constant frequency of 600 kHz by using the input voltage and output voltage to
set the on-time one-shot timer. The on-time is inversely proportional to the input voltage and proportional to the
output voltage; therefore, when the duty ratio is VOUT/VIN, the frequency is constant.
Soft Start and Pre-Biased Soft Start
The soft start function is adjustable. When the EN pin becomes high, 6
μA current begins charging the capacitor
which is connected from the SS pin to GND. Smooth control of the output voltage is maintained during start up.
The equation for the slow start time is shown in Equation 1. VFB voltage is 0.765 V and SS pin source current is
6
μA.
(1)
The TPS54339 contains a unique circuit to prevent current from being pulled from the output during startup if the
output is pre-biased. When the soft-start commands a voltage higher than the pre-bias level (internal soft start
becomes greater than feedback voltage VFB), the controller slowly activates synchronous rectification by starting
the first low side FET gate driver pulses with a narrow on-time. It then increments that on-time on a cycle-by-
cycle basis until it coincides with the time dictated by (1-D), where D is the duty cycle of the converter. This
scheme prevents the initial sinking of the pre-bias output, and ensure that the out voltage (VO) starts and ramps
up smoothly into regulation and the control loop is given time to transition from pre-biased start-up to normal
mode operation.
Current Protection
The output overcurrent protection (OCP) is implemented using a cycle-by-cycle valley detect control circuit. The
switch current is monitored by measuring the low-side FET switch voltage between the SW pin and GND. This
voltage is proportional to the switch current. To improve accuracy, the voltage sensing is temperature
compensated.
During the on time of the high-side FET switch, the switch current increases at a linear rate determined by VIN,
VOUT, the on-time and the output inductor value. During the on time of the low-side FET switch, this current
decreases linearly. The average value of the switch current is the load current Iout. The TPS54339 constantly
monitors the low-side FET switch voltage, which is proportional to the switch current, during the low-side on-time.
If the measured voltage is above the voltage proportional to the current limit, an internal counter is incremented
per each SW cycle and the converter maintains the low-side switch on until the measured voltage is below the
voltage corresponding to the current limit at which time the switching cycle is terminated and a new switching
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54339


Similar Part No. - TPS54339DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54339E TI-TPS54339E Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54339E TI-TPS54339E Datasheet
932Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54339EDDA TI-TPS54339EDDA Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54339EDDAR TI-TPS54339EDDAR Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54339E TI-TPS54339E_15 Datasheet
932Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
More results

Similar Description - TPS54339DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com