Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53819ARGTT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53819ARGTT
Description  High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53819ARGTT Datasheet(HTML) 4 Page - Texas Instruments

  TPS53819ARGTT Datasheet HTML 1Page - Texas Instruments TPS53819ARGTT Datasheet HTML 2Page - Texas Instruments TPS53819ARGTT Datasheet HTML 3Page - Texas Instruments TPS53819ARGTT Datasheet HTML 4Page - Texas Instruments TPS53819ARGTT Datasheet HTML 5Page - Texas Instruments TPS53819ARGTT Datasheet HTML 6Page - Texas Instruments TPS53819ARGTT Datasheet HTML 7Page - Texas Instruments TPS53819ARGTT Datasheet HTML 8Page - Texas Instruments TPS53819ARGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
TPS53819A
SLUSB56 – NOVEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VVREG= 5 V, VEN= 5 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
TA = 25°C, no load, power conversion
IVDD
VDD bias current
920
μA
enabled (no switching)
TA = 25°C, no load, power conversion
IVDDSTBY
VDD standby current
610
μA
disabled
INTERNAL REFERENCE AND FEEDBACK REGULATION VOLTAGE
VFB
Feedback regulation voltage
FB w/r/t GND, CCM condition
600
mV
VFBTOL
Feedback voltage tolerance
FB w/r/t GND, 0°C
≤ TJ ≤ 85°C
597
600
603
mV
FB w/r/t GND, 0°C
≤ TA ≤ 85°C, all settings
VDACTOL1
DAC voltage tolerance 1
–4.8
4.8
mV
with VOUT_ADJUSTMENT only
FB w/r/t GND, 0°C
≤ TA ≤ 85°C, all settings
VDACTOL2
DAC voltage tolerance 2
–4.8
4.8
mV
with VOUT_MARGIN only
FB w/r/t GND, 0°C
≤ TA ≤ 85°C, with
VDACTOL3
DAC voltage tolerance 3
VOUT_ADJUSTMENT=0Dh and
–4.8
4.8
mV
VOUT_MARGIN=70h for +5%
FB w/r/t GND, 0°C
≤ TA ≤ 85°C, with
VDACTOL4
DAC voltage tolerance 4
VOUT_ADJUSTMENT=13h and
–4.8
4.8
mV
VOUT_MARGIN=07h for -5%
VIOS_LPCMP
Loop comparator input offset voltage
VREF to VFB, TA = 25°C
–2.5
2.5
mV
IFB
FB pin input current
VFB = 600 mV
–1
1
μA
OUTPUT VOLTAGE
IVODIS
VO discharge current
VVO = 0.5 V, power conversion disabled
10
12
mA
FREQUENCY CONTROL
VIN = 12 V, VVO = 3.3 V, FS <2:0> =000
275
VIN = 12 V, VVO = 3.3 V, FS <2:0> =001
325
VIN = 12 V, VVO = 3.3 V, FS <2:0> =010
425
VIN = 12 V, VVO = 3.3 V, FS <2:0> =011
525
fSW
VO switching frequency
kHz
VIN = 12 V, VVO = 3.3 V, FS <2:0> =100
625
VIN = 12 V, VVO = 3.3 V, FS <2:0> =101
750
VIN = 12 V, VVO = 3.3 V, FS <2:0> =110
850
VIN = 12 V, VVO = 3.3 V, FS <2:0> =111
1000
tON(min)
Minimum on-time(1)
DRVH rising to falling
60
ns
tOFF(min)
Minimum off-time
DRVH falling to rising
320
ns
DRIVER
Source, IDRVH = 50 mA
1.6
RDRVH
DRVH resistance
Sink, IDRVH = 50 mA
0.6
Ω
Source, IDRVL = 50 mA
0.9
RDRVL
DRVL resistance
Sink, IDRVL = 50 mA
0.5
DRVH-off to DRVL-on
10
tDEAD
Dead time
ns
DRVL-off to DRVH-on
20
INTERNAL BOOT STRAP SWITCH
VF
Forward voltage
VVREG-VBST, TA = 25°C, IF = 10 mA
0.1
0.2
V
IVBST
VBST leakage current
TA = 25°C, VVBST = 33 V, VSW = 28 V
0.01
1.5
μA
ENABLE LOGIC THRESHOLD
VL
EN low-level voltage
0.5
V
VH
EN high-level voltage
1.8
V
VHYST
EN hysteresis voltage
0.22
V
ILEAK
EN input leakage current
-1
0
1
μA
(1)
Specified by design. Not production tested.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :TPS53819A


Similar Part No. - TPS53819ARGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53819A TI-TPS53819A_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS53819A High-Performance, Eco-mode?? Single Synchronous Step-Down Controller with PMBus?
More results

Similar Description - TPS53819ARGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53819A TI-TPS53819A_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS53819A High-Performance, Eco-mode?? Single Synchronous Step-Down Controller with PMBus?
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
logo
Texas Instruments
TPS53219RGTT TI-TPS53219RGTT Datasheet
1Mb / 26P
[Old version datasheet]   Wide Input Voltage, Eco-mode, Single Synchronous Step-Down Controller
TPS53219A TI1-TPS53219A Datasheet
1Mb / 26P
[Old version datasheet]   Wide Input Voltage, Eco-mode?? Single Synchronous Step-Down Controller
TPS53219 TI-TPS53219 Datasheet
860Kb / 26P
[Old version datasheet]   Wide Input Voltage, Eco-mode?? Single Synchronous Step-Down Controller
TPS53119 TI1-TPS53119 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Voltage, Eco-Mode, Synchronous Step-Down Controller
TPS51219 TI-TPS51219_15 Datasheet
1Mb / 39P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI1-TPS51219 Datasheet
945Kb / 36P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI1-TPS51219_14 Datasheet
1Mb / 38P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
logo
Micrel Semiconductor
MIC2111B MICREL-MIC2111B Datasheet
3Mb / 35P
   High-Performance, Multi-Mode, Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com