Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53819A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53819A
Description  High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53819A Datasheet(HTML) 5 Page - Texas Instruments

  TPS53819A Datasheet HTML 1Page - Texas Instruments TPS53819A Datasheet HTML 2Page - Texas Instruments TPS53819A Datasheet HTML 3Page - Texas Instruments TPS53819A Datasheet HTML 4Page - Texas Instruments TPS53819A Datasheet HTML 5Page - Texas Instruments TPS53819A Datasheet HTML 6Page - Texas Instruments TPS53819A Datasheet HTML 7Page - Texas Instruments TPS53819A Datasheet HTML 8Page - Texas Instruments TPS53819A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
TPS53819A
www.ti.com
SLUSB56 – NOVEMBER 2012
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VVREG= 5 V, VEN= 5 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SOFT START
SST<1:0>=00
1.0
SST<1:0>=01
2.0
tSS
Soft-start time
ms
SST<1:0>=10
4.0
SST<1:0>=11
8.0
POWER-ON DELAY
Delay from enable to switching
356
μs
POD<2:0>=000
Delay from enable to switching
612
μs
POD<2:0>=001
Delay from enable to switching
1.124
ms
POD<2:0>=010
Delay from enable to switching
2.148
ms
POD<2:0>=011
tPODLY
Power-on delay time
Delay from enable to switching
4.196
ms
POD<2:0>=100
Delay from enable to switching
8.292
ms
POD<2:0>=101
Delay from enable to switching
16.48
ms
POD<2:0>=110
Delay from enable to switching
32.86
ms
POD<2:0>=111
POWER GOOD COMPARATOR
PGOOD in from higher
105%
108%
111%
PGOOD in from lower
89%
92%
95%
VPGTH
Powergood threshold
PGOOD out to higher
113%
116%
119%
PGOOD out to lower
81%
84%
87%
Delay for PGOOD going in PGD<2:0>=000
165
256
320
μs
Delay for PGOOD going in PGD<2:0>=001
409
512
614
μs
Delay for PGOOD going in PGD<2:0>=010
0.819
1.024
1.228
ms
Delay for PGOOD going in PGD<2:0>=011
1.638
2.048
2.458
ms
tPGDLY
PGOOD delay time
Delay for PGOOD going in PGD<2:0>=100
3.276
4.096
4.915
ms
Delay for PGOOD going in PGD<2:0>=101
6.553
8.192
9.83
ms
Delay for PGOOD going in PGD<2:0>=110
13.104
16.38
19.656
ms
Delay for PGOOD going in PGD<2:0>=111
105
131
157
ms
Delay for PGOOD coming out
2
μs
IPG
PGOOD sink current
VPGOOD = 0.5 V
6.9
mA
IPGLK
PGOOD leakage current
VPGOOD = 5.0 V
-1
0
1
μA
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links :TPS53819A


Similar Part No. - TPS53819A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53819A TI-TPS53819A_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS53819A High-Performance, Eco-mode?? Single Synchronous Step-Down Controller with PMBus?
More results

Similar Description - TPS53819A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53819A TI-TPS53819A_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS53819A High-Performance, Eco-mode?? Single Synchronous Step-Down Controller with PMBus?
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
logo
Texas Instruments
TPS53219RGTT TI-TPS53219RGTT Datasheet
1Mb / 26P
[Old version datasheet]   Wide Input Voltage, Eco-mode, Single Synchronous Step-Down Controller
TPS53219A TI1-TPS53219A Datasheet
1Mb / 26P
[Old version datasheet]   Wide Input Voltage, Eco-mode?? Single Synchronous Step-Down Controller
TPS53219 TI-TPS53219 Datasheet
860Kb / 26P
[Old version datasheet]   Wide Input Voltage, Eco-mode?? Single Synchronous Step-Down Controller
TPS53119 TI1-TPS53119 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Voltage, Eco-Mode, Synchronous Step-Down Controller
TPS51219 TI-TPS51219_15 Datasheet
1Mb / 39P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI1-TPS51219 Datasheet
945Kb / 36P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI1-TPS51219_14 Datasheet
1Mb / 38P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
logo
Micrel Semiconductor
MIC2111B MICREL-MIC2111B Datasheet
3Mb / 35P
   High-Performance, Multi-Mode, Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com