Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53015 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53015
Description  Single Synchronous Step-down Controller for Low Voltage Power Rails
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53015 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS53015 Datasheet HTML 7Page - Texas Instruments TPS53015 Datasheet HTML 8Page - Texas Instruments TPS53015 Datasheet HTML 9Page - Texas Instruments TPS53015 Datasheet HTML 10Page - Texas Instruments TPS53015 Datasheet HTML 11Page - Texas Instruments TPS53015 Datasheet HTML 12Page - Texas Instruments TPS53015 Datasheet HTML 13Page - Texas Instruments TPS53015 Datasheet HTML 14Page - Texas Instruments TPS53015 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Output Current (A)
VOUT = 1.05 V
VOUT = 1.8 V
VOUT = 3.3 V
VIN = 12 V
G012
EN (10 V/div)
V
(500 mV/div)
O
VREG5 (5 V/div)
PG (5 V/div)
Time (1 msec/div)
1.00
1.01
1.02
1.03
1.04
1.05
1.06
1.07
1.08
1.09
1.10
0
5
10
15
20
25
30
Input Voltage (V)
IOUT = 50 mA
IOUT = 2 A
G009
Slew Rate (0.3 A/µsec)
V
(50 mV/div ac coupled)
O
I
(5 A/div)
OUT
Time Scale (100 µsec/div)
TPS53015
www.ti.com
SLVSBF0B – JULY 2012 – REVISED AUGUST 2012
TYPICAL CHARACTERISTICS (continued)
VIN = 12 V, TA= 25 °C (unless otherwise noted)
LINE REGULATION
TRANSIENT RESPONSE
Figure 9.
Figure 10.
START UP WAVEFORMS
EFFICIENCY
Figure 11.
Figure 12.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links :TPS53015


Similar Part No. - TPS53015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53015 TI-TPS53015_15 Datasheet
855Kb / 22P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
More results

Similar Description - TPS53015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53014 TI1-TPS53014 Datasheet
658Kb / 20P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53014 TI-TPS53014_15 Datasheet
857Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53015 TI-TPS53015_15 Datasheet
855Kb / 22P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53114 TI-TPS53114 Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53114 TI-TPS53114_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS53114 Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com