Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51604DSGR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51604DSGR
Description  Synchronous Buck FET Driver Optimized for High-Frequency Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51604DSGR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS51604DSGR Datasheet HTML 5Page - Texas Instruments TPS51604DSGR Datasheet HTML 6Page - Texas Instruments TPS51604DSGR Datasheet HTML 7Page - Texas Instruments TPS51604DSGR Datasheet HTML 8Page - Texas Instruments TPS51604DSGR Datasheet HTML 9Page - Texas Instruments TPS51604DSGR Datasheet HTML 10Page - Texas Instruments TPS51604DSGR Datasheet HTML 11Page - Texas Instruments TPS51604DSGR Datasheet HTML 12Page - Texas Instruments TPS51604DSGR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
2
4
6
8
10
12
14
16
18
20
22
Output Current (A)
SKIP = High
VIN = 7.4 V
VOUT = 1.8 V
fSW = 800 kHz
FCCM Operation
G000
50
55
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Output Current (A)
SKIP = Low
VIN = 7.4 V
VOUT = 1.8 V
fSW = 800 kHz
Skip Mode Operation
G000
TPS51604
www.ti.com
SLUSBA6 – DECEMBER 2012
TYPICAL CHARACTERISTICS
Powerblock MOSFET: CSD87330(SLPS284) , Inductor: 0.22 µF, 1.1 m
Ω DCR
Figure 13. Efficiency vs. Output Current
Figure 14. Efficiency vs. Output Current
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS51604


Similar Part No. - TPS51604DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51604 TI-TPS51604 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
TPS51604-Q1 TI-TPS51604-Q1 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
TPS51604-Q1 TI-TPS51604-Q1_15 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
TPS51604QDSGRQ1 TI-TPS51604QDSGRQ1 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
TPS51604QDSGTQ1 TI-TPS51604QDSGTQ1 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
More results

Similar Description - TPS51604DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51604 TI1-TPS51604_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51604 Synchronous Buck FET Driver for High-Frequency CPU Core Power
TPS59603-Q1 TI1-TPS59603-Q1 Datasheet
398Kb / 17P
[Old version datasheet]   TPS59603-Q1 Synchronous Buck FET Driver for High-Frequency CPU Core Power in Automotive Applications
logo
International Rectifier
IP2005APBF IRF-IP2005APBF Datasheet
814Kb / 18P
   High Frequency Synchronous Buck Optimized LGA Power Stage
IRF3709PBF IRF-IRF3709PBF_15 Datasheet
236Kb / 12P
   High Frequency Buck Converters for Server Processor Power Synchronous FET
logo
Texas Instruments
TPS51604-Q1 TI-TPS51604-Q1_15 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
logo
Kersemi Electronic Co.,...
IRLR8256 KERSEMI-IRLR8256 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
IRLR8113 KERSEMI-IRLR8113 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
logo
International Rectifier
IRF3704ZSLPBF IRF-IRF3704ZSLPBF Datasheet
366Kb / 13P
   High Frequency Synchronous Buck
IRLR7821PF IRF-IRLR7821PF Datasheet
326Kb / 12P
   High Frequency Synchronous Buck
logo
Kersemi Electronic Co.,...
IRF3704Z KERSEMI-IRF3704Z Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com