Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-ADF4208EB1 Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-ADF4208EB1
Description  Evaluation Board For PLL Frequency Synthesizer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF4208EB1 Datasheet(HTML) 6 Page - Analog Devices

  EVAL-ADF4208EB1 Datasheet HTML 1Page - Analog Devices EVAL-ADF4208EB1 Datasheet HTML 2Page - Analog Devices EVAL-ADF4208EB1 Datasheet HTML 3Page - Analog Devices EVAL-ADF4208EB1 Datasheet HTML 4Page - Analog Devices EVAL-ADF4208EB1 Datasheet HTML 5Page - Analog Devices EVAL-ADF4208EB1 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EVAL-ADF4208EB1
REV.PrA 02/00
– 6 –
Table 1. Bill of Materials for the EVAL-ADF4208EB1
Qty
Re fe re nce
De scription
M a nufa ctu re r
P CB DECAL
V ALUE
1
U1
A DF4208B RU
A DI
TS S OP -20
A DF4208B RU
1
U2
A D7706B R
A DI
S O 16W B
A D7706B R
1
U3
A D780AR
ADI
S O 8NB
AD780AR
1
U4
A DP 3300A RT-5
A DI
S O T23-6
A DP 3300A RT-5
1
U5
A DP 3300A RT-3
A DI
S O T23-6
A DP 3300A RT-3
1
U6
Do Not Ins ert
Fairc hild
S O T23-5
NC7S M 508
1
V CO1
Do Not Ins ert
V ari-L
1
V CO2
Do Not Ins ert
V ari-L
1
Y 1
4.9152M Hz Crys tal
V ec tron International
HC49 low profile
V XA 4-1011
1
Y 2
10M Hz Cry s tal
V ec tron International
HC49 low profile
V XA 4-1B 2-10M 00
1
D1
S D103C S c hottk y Diode
General S em ic onduc tor
DO 35
S D103C
1
D2
IN4001
D035
FE C 365-117
1
D3
Red Low P ower LE D
V is hay
LE D
FE C 657-130
1
D4
Green Low P ower LE D (Do Not Ins ert)
V is hay
LE D
FE C 657-141
6
C1 C5 C7 C9 C11 C41
M ulti Lay er Ceram ic Capac itor
M urata
Cas e 0603
0.1uF
1
C2
Tantalum Capac itor
A V X
CA P \TA J_B
10uF 6.3V
2
C3 C29
Tantalum Capac itor
A V X
CA P \TA J_A
22uF 6.3V
6
C4 C6 C8 C10 C12 C30
M ulti Lay er Ceram ic Capac itor
M urata
Cas e 0603
10pF
2
C13-14
Do Not Ins ert
M urata
Cas e 0603
1nF
8
C15-17 C26-28 C43-44
M ulti Lay er Ceram ic Capac itor
M urata
Cas e 0603
100pF
1
C18
Do Not Ins ert
M urata
Cas e 0805
1
C19
Do Not Ins ert
M urata
Cas e 0805
1
C20
Do Not Ins ert
M urata
Cas e 0805
4
C21-22 C31-32
M ulti Lay er Ceram ic Capac itor
M urata
Cas e 0603
33pF
1
C23
Do Not Ins ert
M urata
Cas e 0805
1
C24
Do Not Ins ert
M urata
Cas e 0805
1
C25
Do Not Ins ert
M urata
Cas e 0805
3
C33 C36 C40
M ulti Lay er Ceram ic Capac itor
M urata
Cas e 0603
10nF
2
C34 C37
Tantalum Capac itor
A V X
CA P \TA J_A
1uF 16V
2
C35 C38
Tantalum Capac itor
A V X
CA P \TA J_A
4.7uF 10V
2
C39 C42
Tantalum Capac itor
A V X
CA P \TA J_A
10uF 6.3V
1
R1
Res is tor (S urfac e M ount)
B ourns
Cas e 0805
20r 1.0%
7
R2 R5-10
Res is tor (S urfac e M ount)
B ourns
Cas e 0603
330r 1.0%
1
R3
Res is tor (S urfac e M ount)
B ourns
Cas e 0603
3k 3 1.0%
2
R4 R18
Res is tor (S urfac e M ount)
B ourns
Cas e 0603
1M 1.0%
1
R11
Do Not Ins ert
B ourns
Cas e 0603
51r 1.0%
6
R12-14 R21-23
Res is tor (S urfac e M ount)
B ourns
Cas e 0603
18r 1.0%
2
R15 R24
Res is tor (S urfac e M ount)
B ourns
Cas e 0603
51r 1.0%
1
R16
Do Not Ins ert
Cas e 0805
1
R17
Do Not Ins ert
Cas e 0805
1
R19
Do Not Ins ert
Cas e 0805
1
R20
Do Not Ins ert
Cas e 0805
1
R25
Do Not Ins ert
Cas e 0805
1
R26
Res is tor (S urfac e M ount)
B ourns
Cas e 0603
1k 1.0%
3
R27-29
Res is tor (S urfac e M ount)
B ourns
Cas e 0603
10k 1.0%
6
R30-33 R40-41
Res is tor (S urfac e M ount)
M eggitt
Cas e 0603
100k 0.1%
3
R34-35 R38
Do Not Ins ert
Cas e 0603
0r 1.0%
2
R36 R37
Res is tor (S urfac e M ount)
B ourns
Cas e 0603
330k 1.0%
1
R42
Res is tor (S urfac e M ount)
B ourns
Cas e 0603
4k 7 1.0%
1
S W 1
P us h B utton S witc h
Om ron
S W \P B -S M A LL
FE C 176-986
1
S W 2
S P DT S witc h - (W as hable)
A pem
S W _S IP -3P
FE C 150-559
20
T1-20
Red Tes tpoint
W Hughes
TE S TP OINT
FE C-240-345
1
J1
9 P IN D-TY P E M A LE (HORIZ)
M c M urdo
DCON9M
FE C 150-750
5
J2 J3 J4 J5 J8
Do Not Ins ert
S M A
2
J6 J7
GO LD 50
Ω SMA SOCKET
Pas ternac k
SM A
P E 4118
3
LK 1 LK 2 LK 3
3 pin header
Harwin
S IP -3P
FE C 512-047
1
LK 4
4 pin header (2x 2)
Harwin
FE C 512-035
4
LK 1-4
S horting S hunt
Harwin
FE C 150-410
4
E ac h Corner
Rubber S tic k -O n Feet
3M
FE C 148-922
2
P 1
P air P CB s nap-on battery c onnec tor
K ey s tone
B A TT_P P 3
FE C 723-988
1
P 1
9V P P 3 B attery
Durac ell
FE C 908-526
1
P CB
E V A L-A DF 4208E B 1


Similar Part No. - EVAL-ADF4208EB1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF4212EB1 AD-EVAL-ADF4212EB1 Datasheet
387Kb / 6P
   Evaluation Board For PLL Frequency Synthesizer
REV 0 11/00
EVAL-ADF4213EB1 AD-EVAL-ADF4213EB1 Datasheet
277Kb / 6P
   Evaluation Board For PLL Frequency Synthesizer
REV.PrA 12/00
EVAL-ADF4213EB2 AD-EVAL-ADF4213EB2 Datasheet
452Kb / 6P
   2.35GHz Dual Evaluation Board For PLL Frequency Synthesizer
REV.PrA 01/00
EVAL-ADF421XEB1 AD-EVAL-ADF421XEB1 Datasheet
247Kb / 6P
   Evaluation Board For PLL Frequency Synthesizer
REV.PrA 02/00
EVAL-ADF4252EBZ2 AD-EVAL-ADF4252EBZ2 Datasheet
507Kb / 30P
   Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
More results

Similar Description - EVAL-ADF4208EB1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF411XEB1 AD-EVAL-ADF411XEB1 Datasheet
175Kb / 6P
   Evaluation Board For PLL Frequency Synthesizer
REV.PrB 04/00
EVAL-ADF4212EB1 AD-EVAL-ADF4212EB1 Datasheet
387Kb / 6P
   Evaluation Board For PLL Frequency Synthesizer
REV 0 11/00
EVAL-ADF421XEB1 AD-EVAL-ADF421XEB1 Datasheet
247Kb / 6P
   Evaluation Board For PLL Frequency Synthesizer
REV.PrA 02/00
EVAL-ADF4213EB1 AD-EVAL-ADF4213EB1 Datasheet
277Kb / 6P
   Evaluation Board For PLL Frequency Synthesizer
REV.PrA 12/00
EVAL-ADF4112EB1 AD-EVAL-ADF4112EB1 Datasheet
176Kb / 6P
   CDMA Evaluation Board For PLL Frequency Synthesizer
REV.PrA 04/00
EVAL-ADF4113EB2 AD-EVAL-ADF4113EB2 Datasheet
195Kb / 6P
   1750MHz Evaluation Board For PLL Frequency Synthesizer
REV.PrA 01/00
EVAL-ADF4113EB1 AD-EVAL-ADF4113EB1 Datasheet
177Kb / 6P
   GSM900 Evaluation Board For PLL Frequency Synthesizer
REV.PrB 04/00
EVAL-ADF4118EB1 AD-EVAL-ADF4118EB1 Datasheet
168Kb / 6P
   WCDMA Evaluation Board For PLL Frequency Synthesizer
REV.PrB 04/00
EVAL-ADF4153EB1 AD-EVAL-ADF4153EB1 Datasheet
204Kb / 8P
   Evaluation Board For Fractional-N PLL Frequency Synthesizer
REV.PrA 03/03
EVAL-ADF4213EB2 AD-EVAL-ADF4213EB2 Datasheet
452Kb / 6P
   2.35GHz Dual Evaluation Board For PLL Frequency Synthesizer
REV.PrA 01/00
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com