Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC59731D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59731D
Description  3-Channel, 8-Bit, PWM LED Driver with Single-Wire Interface (EasySet)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59731D Datasheet(HTML) 4 Page - Texas Instruments

  TLC59731D Datasheet HTML 1Page - Texas Instruments TLC59731D Datasheet HTML 2Page - Texas Instruments TLC59731D Datasheet HTML 3Page - Texas Instruments TLC59731D Datasheet HTML 4Page - Texas Instruments TLC59731D Datasheet HTML 5Page - Texas Instruments TLC59731D Datasheet HTML 6Page - Texas Instruments TLC59731D Datasheet HTML 7Page - Texas Instruments TLC59731D Datasheet HTML 8Page - Texas Instruments TLC59731D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TLC59731
SBVS222 – FEBRUARY 2013
www.ti.com
RECOMMENDED OPERATING CONDITIONS
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
DC CHARACTERISTICS
No internal shunt regulator
3.0
5.0
5.5
V
mode
VCC
Supply voltage
Internal shunt regulator mode
6.0
V
VO
Voltage applied to output
OUT0 to OUT2
21
V
VIH
High-level input voltage
SDI
0.7 × VCC
VCC
V
VIL
Low-level input voltage
SDI
GND
0.3 × VCC
V
VIHYST
Input voltage hysteresis
SDI
0.2 × VCC
V
IOH
High-level output current
SDO
–2
mA
SDO
2
mA
IOL
Low-level output current
OUT0 to OUT2
50
mA
IREG
Shunt regulator sink current
VCC
20
mA
TA
Operating free-air temperature range
–40
+85
°C
TJ
Operating junction temperature range
–40
+125
°C
AC CHARACTERISTICS
fCLK (SDI)
Data transfer rate
SDI
20
1000
kHz
tSDI
SDI input pulse duration
SDI
275
0.5 / fCLK
ns
tWH
Pulse duration, high
SDI
14
ns
tWL
Pulse duration, low
SDI
14
ns
tH0
Hold time: end of sequence (EOS)
SDI
↑ to SDI↑
3.5 / fCLK
5.5 / fCLK
µs
tH1
Hold time: data latch (GSLAT)
SDI
↑ to SDI↑
8 / fCLK
µs
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TLC59731


Similar Part No. - TLC59731D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5973 TI1-TLC5973 Datasheet
665Kb / 34P
[Old version datasheet]   TLC5973 3-Channel, 12-Bit, PWM Constant-Current LED Driver with Single-Wire Interface (EasySet)
TLC5973D TI1-TLC5973D Datasheet
360Kb / 27P
[Old version datasheet]   3-Channel, 12-Bit, PWM Constant-Current LED Driver
TLC5973D TI1-TLC5973D Datasheet
665Kb / 34P
[Old version datasheet]   TLC5973 3-Channel, 12-Bit, PWM Constant-Current LED Driver with Single-Wire Interface (EasySet)
TLC5973DR TI1-TLC5973DR Datasheet
360Kb / 27P
[Old version datasheet]   3-Channel, 12-Bit, PWM Constant-Current LED Driver
TLC5973DR TI1-TLC5973DR Datasheet
665Kb / 34P
[Old version datasheet]   TLC5973 3-Channel, 12-Bit, PWM Constant-Current LED Driver with Single-Wire Interface (EasySet)
More results

Similar Description - TLC59731D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5973 TI1-TLC5973 Datasheet
665Kb / 34P
[Old version datasheet]   TLC5973 3-Channel, 12-Bit, PWM Constant-Current LED Driver with Single-Wire Interface (EasySet)
logo
Rohm
BD7844AEFV-LB ROHM-BD7844AEFV-LB Datasheet
676Kb / 18P
   16-Channel, 8-Bit PWM LED Driver with I2C Compatible and 2-wire Serial Interface
logo
Texas Instruments
TPIC2810 TI1-TPIC2810_15 Datasheet
880Kb / 23P
[Old version datasheet]   8-BIT LED DRIVER WITH 12C INTERFACE
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
logo
ELMOS Semiconductor AG
E522.46 ELMOS-E522.46 Datasheet
308Kb / 2P
   8 Channel LED Driver with I짼C Interface
logo
Clare, Inc.
MX877 CLARE-MX877 Datasheet
652Kb / 11P
   8-Channel, 60V Driver with Push-Pull Output, 3 Wire Interface
MX879 CLARE-MX879 Datasheet
607Kb / 11P
   8-Channel, 60V Driver with Open-Drain Output, 3 Wire Interface
logo
Texas Instruments
LP5560 TI1-LP5560 Datasheet
4Mb / 29P
[Old version datasheet]   LP5560 Programmable LED Driver With Single-Wire Interface
TPS92638-Q1 TI1-TPS92638-Q1_16 Datasheet
4Mb / 39P
[Old version datasheet]   8-Channel Linear LED Driver With PWM Dimming
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com