Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F28M36H63C2ZWTT Datasheet(PDF) 7 Page - Texas Instruments

Part # F28M36H63C2ZWTT
Description  Concerto Microcontrollers
Download  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F28M36H63C2ZWTT Datasheet(HTML) 7 Page - Texas Instruments

Back Button F28M36H63C2ZWTT Datasheet HTML 3Page - Texas Instruments F28M36H63C2ZWTT Datasheet HTML 4Page - Texas Instruments F28M36H63C2ZWTT Datasheet HTML 5Page - Texas Instruments F28M36H63C2ZWTT Datasheet HTML 6Page - Texas Instruments F28M36H63C2ZWTT Datasheet HTML 7Page - Texas Instruments F28M36H63C2ZWTT Datasheet HTML 8Page - Texas Instruments F28M36H63C2ZWTT Datasheet HTML 9Page - Texas Instruments F28M36H63C2ZWTT Datasheet HTML 10Page - Texas Instruments F28M36H63C2ZWTT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 202 page
background image
F28M36P63B2, F28M36P63C2
F28M36P53B2, F28M36P53C2, F28M36P33B2, F28M36P33C2
www.ti.com
SPRS825 – OCTOBER 2012
Table 2-1. Hardware Features (continued)
FEATURE
TYPE(1)
P33B2
P33C2
P53B2
P53C2
P63B2
P63C2
Enhanced Quadrature Encoder (eQEP) modules
0
3 (32-bit)
Fault Trip Zones
12 on any of 64 GPIO pins
Multichannel Buffered Serial Port (McBSP)/
1
1
1
1
1
1
1
Serial Peripheral Interface (SPI)
Serial Communications Interface (SCI)
0
1
1
1
1
1
1
Serial Peripheral Interface (SPI)
0
1
1
1
1
1
1
Inter-integrated circuit (I2C)
0
1
1
1
1
1
1
Direct Memory Access (DMA)
0
6-ch
6-ch
6-ch
6-ch
6-ch
6-ch
32-Bit Timers
3
3
3
3
3
3
Shared
Supplemental RAM (KB)
64
64
64
64
64
64
MSPS
2.88
2.88
2.88
2.88
2.88
2.88
Conversion Time
350 ns
350 ns
350 ns
350 ns
350 ns
350 ns
12-Bit ADC 1
3
Channels
12
12
12
12
12
12
Sample-and-Hold (S/H)
2
2
2
2
2
2
MSPS
2.88
2.88
2.88
2.88
2.88
2.88
Conversion Time
350 ns
350 ns
350 ns
350 ns
350 ns
350 ns
12-Bit ADC 2
3
Channels
12
12
12
12
12
12
Sample-and-Hold (S/H)
2
2
2
2
2
2
Comparators with Integrated DACs
0
6
6
6
6
6
6
Voltage Regulator and Monitor
Yes – Uses 3.3-V Single Supply (3.3-V/1.2-V recommended for 125ºC)
Clocking
See Section 2.10
Additional Safety
Master Subsystem
2 Watchdogs, NMI Watchdog: CPU, Memory
Control Subsystem
NMI Watchdog: CPU, Memory
Shared
Critical Register and I/O Function Lock Protection; RAM Fetch Protection
Packaging
289-Ball ZWT
Package Type
Available at Prototype Sampling
Plastic Ball Grid Array
T: –40°C to 105°C
Yes
Yes
Yes
Yes
Yes
Yes
Temperature options
S: –40°C to 125°C
No
No
No
No
No
No
Q: –40°C to 125°C(3)
No
No
No
No
No
No
Product status(4)
xF28M36...
xF28M36...
xF28M36...
xF28M36...
xF28M36...
xF28M36...
(3)
"Q" refers to Q100 qualification for automotive applications.
(4)
The "xF28M36..." product status denotes an experimental device that is not necessarily representative of the final device's electrical specifications. See Section 7.1.2, Device
Nomenclature, for descriptions of device stages.
Copyright © 2012, Texas Instruments Incorporated
Device Overview
7
Submit Documentation Feedback


Similar Part No. - F28M36H63C2ZWTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36H33B TI1-F28M36H33B Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M36H33B2 TI1-F28M36H33B2 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M36H33B2ZWTQ TI1-F28M36H33B2ZWTQ Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M36H33B2ZWTQ TI1-F28M36H33B2ZWTQ Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M36H33B2ZWTS TI1-F28M36H33B2ZWTS Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
More results

Similar Description - F28M36H63C2ZWTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P63C2 TI1-F28M36P63C2_15 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1 TI1-F28M35H20B1_12 Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35H20B1 TI1-F28M35H20B1 Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com