Electronic Components Datasheet Search |
|
A1505XS-2W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd |
|
A1505XS-2W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd |
1 / 5 page A A A A A A A A-X -X -X -X -X -X -X -X(S)D (S)D (S)D (S)D (S)D (S)D (S)D (S)D---- ----2 2 2 2 2 2 2 2W W W W W W W WSeries Series http://www.microdc.cn Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646 Page 1 of 5 Order code Input Output Efficiency Isolation Capacitance MTTF1 Voltage(VDC) Current (mA) Voltage (VDC) Current (mA) (%.Typ.) Nominal MAX pF KHrs A0505XS-2W 5 500 ±5 ±200 80 24 1574 A0509XS-2W 5 494 ±9 ±111 81 28 663 A0512XS-2W 5 488 ±12 ±83 82 30 338 A0515XS-2W 5 476 ±15 ±67 84 33 187 A1205XS-2W 12 208 ±5 ±200 80 35 490 A1209XS-2W 12 201 ±9 ±111 83 55 343 A1212XS-2W 12 198 ±12 ±83 84 63 229 A1215XS-2W 12 198 ±15 ±67 84 66 148 A1505XS-2W 15 103 ±5 ±200 81 41 318 A1512XS-2W 15 98 ±12 ±111 85 75 249 A2412XS-2W 24 97 ±12 ±83 86 95 183 A2415XS-2W 24 97 ±15 ±67 86 104 127 A4805XS-2W 48 51 ±5 ±200 82 45 235 A4809XS-2W 48 51 ±9 ±111 82 74 195 A4812XS-2W 48 49 ±12 ±83 85 90 152 A4815XS-2W 48 49 ±15 ±67 85 112 112 A0505XD-2W 5 500 ±5 ±200 80 24 1574 A0509XD-2W 5 494 ±9 ±111 81 28 663 A0512XD-2W 5 488 ±12 ±83 82 30 338 A0515XD-2W 5 476 ±15 ±67 84 33 187 A1205XD-2W 12 208 ±5 ±200 80 35 490 A1209XD-2W 12 201 ±9 ±111 83 55 343 A1212XD-2W 12 198 ±12 ±83 84 63 229 A1215XD-2W 12 198 ±15 ±67 84 66 148 A1505XD-2W 15 103 ±5 ±200 81 41 318 A1512XD-2W 15 98 ±12 ±111 85 75 249 A2412XD-2W 24 97 ±12 ±83 86 95 183 A2415XD-2W 24 97 ±15 ±67 86 104 127 A4805XD-2W 48 51 ±5 ±200 82 45 235 A4809XD-2W 48 51 ±9 ±111 82 74 195 A4812XD-2W 48 49 ±12 ±83 85 90 152 A4815XD-2W 48 49 ±15 ±67 85 112 112 1. Calculated using MIL-HDBK-217F with nominal input voltage at full load. All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified. MODEL MODEL MODEL MODEL MODEL MODEL MODEL MODEL SELECTION SELECTION SELECTION SELECTION SELECTION SELECTION SELECTION SELECTION A A A A A A A A ① ① ① ①05 05 05 05 05 05 05 05 ② ② ② ②05 05 05 05 05 05 05 05 ③ ③ ③ ③X X X X X X X X ④ ④ ④ ④ S S S S S S S S ⑤ ⑤ ⑤ ⑤--------2 2 2 2 2 2 2 2W W W W W W W W ⑥ ⑥ ⑥ ⑥ ①Product Series ②Input Voltage ③Output Voltage ④Fixed Input ⑤SIP Package ⑥Rated Power Isolated Isolated Isolated Isolated 2 2 2 2W W W W Dual Dual Dual Dual Output Output Output Output DC/DC DC/DC DC/DC DC/DC Converters Converters Converters Converters FEATURES FEATURES FEATURES FEATURES FEATURES FEATURES FEATURES FEATURES ◆ Footprint from 1.46cm 2 ◆ I/O isolation voltage 1000VDC ◆ Operating Temperature: -40℃~﹢85℃ ◆ High efficiency up to 86% ◆Fully encapsulated toroidal magnetics ◆ Internal SMD construction ◆ Power density up to 1.44W/cm 3 ◆No electrolytic or tantalum capacitors ◆ 5V,9V,12V and 15V output ◆ No heatsink required ◆Dual output from a single input rail ◆ UL 94V-0 package material ◆ No external components required ◆ Industry standard pinout ◆ Power sharing on output ◆ MTTF up to 1.5 million hours APPLICATIONS APPLICATIONS APPLICATIONS APPLICATIONS APPLICATIONS APPLICATIONS APPLICATIONS APPLICATIONS MICRODC reserves the copyright SELECTION SELECTION SELECTION SELECTION SELECTION SELECTION SELECTION SELECTION GUIDE GUIDE GUIDE GUIDE GUIDE GUIDE GUIDE GUIDE The The The The A A A A-X( -X( -X( -X(S S S S)D-2W )D-2W )D-2W )D-2W series series series series of of of of industrial industrial industrial industrial temperature temperature temperature temperature range range range range DC/DC DC/DC DC/DC DC/DC converters converters converters converters are are are are the the the the standard standard standard standard building building building building blocks blocks blocks blocks for for for for on-board on-board on-board on-board distributed distributed distributed distributed power power power power systems.They systems.They systems.They systems.They are are are are ideally ideally ideally ideally suited suited suited suited for for for for providing providing providing providing dual dual dual dual rail rail rail rail supplies supplies supplies supplies on on on on primarily primarily primarily primarily digital digital digital digital boards boards boards boards with with with with the the the the added added added added benefit benefit benefit benefit of of of of galvanic galvanic galvanic galvanic isolation isolation isolation isolation to to to to reduce reduce reduce reduce switching switching switching switching noise.All noise.All noise.All noise.All of of of of the the the the rated rated rated rated power power power power may may may may be be be be drawn drawn drawn drawn from from from from a a a a single single single single pin pin pin pin provided provided provided provided the the the the total total total total load load load load does does does does not not not not exceed exceed exceed exceed 2 2 2 2 Watt. Watt. Watt. Watt. Pin Pin Pin Pin compatibility compatibility compatibility compatibility with with with with the the the the A A A A-X( -X( -X( -X(S S S S)D )D )D )D 1 1 1 1 watt watt watt watt series series series series ensures ensures ensures ensures minimal minimal minimal minimal effort effort effort effort in in in in upgrading upgrading upgrading upgrading distributed distributed distributed distributed power power power power systems. systems. systems. systems. Absolute Absolute Absolute Absolute Absolute Absolute Absolute Absolute Maximum Maximum Maximum Maximum Maximum Maximum Maximum Maximum Ratings Ratings Ratings Ratings Ratings Ratings Ratings Ratings Parameter Conditions Lead temperature 1.5mm from case for 10 seconds 300℃ Internal power dissipation 300mW Input voltage V , A05 types 7V Input voltage Vin, A12 types 15V Input voltage Vin, A15 types 18V Input voltage Vin, A24 types 28V Input voltage Vin, A48 types 54V |
Similar Part No. - A1505XS-2W |
|
Similar Description - A1505XS-2W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |