Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD18502KCS Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18502KCS
Description  40-V, N-Channel NexFET Power MOSFETs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD18502KCS Datasheet(HTML) 5 Page - Texas Instruments

  CSD18502KCS Datasheet HTML 1Page - Texas Instruments CSD18502KCS Datasheet HTML 2Page - Texas Instruments CSD18502KCS Datasheet HTML 3Page - Texas Instruments CSD18502KCS Datasheet HTML 4Page - Texas Instruments CSD18502KCS Datasheet HTML 5Page - Texas Instruments CSD18502KCS Datasheet HTML 6Page - Texas Instruments CSD18502KCS Datasheet HTML 7Page - Texas Instruments CSD18502KCS Datasheet HTML 8Page - Texas Instruments CSD18502KCS Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
0
20
40
60
80
100
120
−50
−25
0
25
50
75
100
125
150
175
TC - Case Temperature (ºC)
G001
0.01
0.1
1
10
100
1000
5000
0.01
0.1
1
10
100
VDS - Drain-to-Source Voltage (V)
1ms
10ms
100ms
1s
DC
Single Pulse
Typical RthetaJA =52ºC/W
G001
10
100
0.01
0.1
1
TAV - Time in Avalanche (mS)
TC = 25ºC
TC = 125ºC
G001
CSD18502KCS
www.ti.com
SLPS367A – AUGUST 2012 – REVISED OCTOBER 2012
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 11. Maximum Safe Operating Area
Figure 12. Single Pulse Unclamped Inductive Switching
TEXT ADDED FOR SPACING
Figure 13. Maximum Drain Current vs. Temperature
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD18502KCS


Similar Part No. - CSD18502KCS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
CSD18502KCS ISC-CSD18502KCS Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - CSD18502KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18502Q5B TI-CSD18502Q5B Datasheet
1Mb / 12P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18504KCS TI-CSD18504KCS Datasheet
299Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD17581Q5A TI1-CSD17581Q5A Datasheet
337Kb / 13P
[Old version datasheet]   V N-Channel NexFET Power MOSFETs
CSD16556Q5B TI-CSD16556Q5B Datasheet
908Kb / 12P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFETs
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD19503KCS TI1-CSD19503KCS Datasheet
768Kb / 10P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com