Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD17552Q3A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17552Q3A
Description  30V, N-Channel NexFET Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD17552Q3A Datasheet(HTML) 1 Page - Texas Instruments

  CSD17552Q3A Datasheet HTML 1Page - Texas Instruments CSD17552Q3A Datasheet HTML 2Page - Texas Instruments CSD17552Q3A Datasheet HTML 3Page - Texas Instruments CSD17552Q3A Datasheet HTML 4Page - Texas Instruments CSD17552Q3A Datasheet HTML 5Page - Texas Instruments CSD17552Q3A Datasheet HTML 6Page - Texas Instruments CSD17552Q3A Datasheet HTML 7Page - Texas Instruments CSD17552Q3A Datasheet HTML 8Page - Texas Instruments CSD17552Q3A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
0
2
4
6
8
10
12
14
16
18
0
2
4
6
8
10
12
VGS - Gate-to- Source Voltage (V)
TC = 25°C Id = 11A
TC = 125ºC Id = 11A
G001
0
2
4
6
8
10
0
5
10
15
20
Qg - Gate Charge (nC)
ID = 11A
VDS =15V
G001
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0093-01
CSD17552Q3A
www.ti.com
SLPS387 – SEPTEMBER 2012
30V, N-Channel NexFET™ Power MOSFETs
Check for Samples: CSD17552Q3A
1
FEATURES
PRODUCT SUMMARY
Ultra Low Qg and Qgd
VDS
Drain to Source Voltage
30
V
Low Thermal Resistance
Qg
Gate Charge Total (4.5V)
9.0
nC
Avalanche Rated
Qgd
Gate Charge Gate to Drain
2.3
nC
VGS = 4.5V
6.5
m
Pb Free Terminal Plating
RDS(on)
Drain to Source On Resistance
VGS = 10V
5.5
m
RoHS Compliant
VGS(th)
Threshold Voltage
1.5
V
Halogen Free
SON 3.3-mm × 3.3-mm Plastic Package
ORDERING INFORMATION
Device
Package
Media
Qty
Ship
APPLICATIONS
SON 3.3-mm × 3.3-
13-Inch
Tape and
CSD17552Q3A
2500
mm Plastic Package
Reel
Reel
Point of load Synchronous Buck in
Networking, Telecom and Computing Systems
ABSOLUTE MAXIMUM RATINGS
Optimized for Control FET Applications
TA = 25°C unless otherwise stated
VALUE
UNIT
VDS
Drain to Source Voltage
30
V
DESCRIPTION
VGS
Gate to Source Voltage
±20
V
The NexFET power MOSFET has been designed to
Continuous Drain Current, TC = 25°C
60
A
minimize losses in power conversion applications.
ID
Continuous Drain Current, Silicon Limitted
74
A
Figure 1. Top View
Continuous Drain Current, TA = 25°C
(1)
15
A
IDM
Pulsed Drain Current, TA = 25°C
(2)
84
A
PD
Power Dissipation(1)
2.6
W
TJ,
Operating Junction and Storage
–55 to 150
°C
TSTG
Temperature Range
Avalanche Energy, single pulse
EAS
45
mJ
ID = 30A, L = 0.1mH, RG = 25Ω
(1) Typical
RθJA
=
48°C/W
on
a
1-inch2
(6.45-cm2),
2-oz. (0.071-mm thick) Cu pad on a 0.06-inch (1.52-mm) thick
FR4 PCB.
(2) Pulse duration
≤300μs, duty cycle ≤2%
RDS(on) vs VGS
GATE CHARGE
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CSD17552Q3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17552Q3A TI1-CSD17552Q3A Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD17552Q3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17571Q2 TI1-CSD17571Q2 Datasheet
908Kb / 11P
[Old version datasheet]   30V N-Channel NexFET Power MOSFETs
CSD17306Q5A TI-CSD17306Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17305Q5A TI-CSD17305Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17322Q5A TI1-CSD17322Q5A Datasheet
617Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A_101 TI-CSD17301Q5A_101 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17302Q5A TI-CSD17302Q5A Datasheet
359Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17304Q3 TI-CSD17304Q3 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFETs
CSD17505Q5A TI1-CSD17505Q5A Datasheet
335Kb / 12P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17506Q5A TI1-CSD17506Q5A Datasheet
202Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
DECEMBER2010
CSD17507Q5A TI-CSD17507Q5A_10 Datasheet
347Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A TI-CSD17301Q5A_10 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com