Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD767XCB Datasheet(PDF) 2 Page - Analog Devices

Part # EVAL-AD767XCB
Description  Evaluation Board AD766X/AD767X
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD767XCB Datasheet(HTML) 2 Page - Analog Devices

  EVAL-AD767XCB Datasheet HTML 1Page - Analog Devices EVAL-AD767XCB Datasheet HTML 2Page - Analog Devices EVAL-AD767XCB Datasheet HTML 3Page - Analog Devices EVAL-AD767XCB Datasheet HTML 4Page - Analog Devices EVAL-AD767XCB Datasheet HTML 5Page - Analog Devices EVAL-AD767XCB Datasheet HTML 6Page - Analog Devices EVAL-AD767XCB Datasheet HTML 7Page - Analog Devices EVAL-AD767XCB Datasheet HTML 8Page - Analog Devices EVAL-AD767XCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
REV. PrK
EVAL-AD766XCB/AD767XCB
–2–
PRELIMINARY TECHNICAL DATA
OPERATING THE EVAL-AD766XCB/AD767XCB
The EVAL-AD766XCB/AD767XCB is a four-layer board
carefully laid out and tested to demonstrate the specific high
accuracy performance of the AD766X/AD767X. Figure 1
shows the schematics of the evaluation board. The layouts of
the board are given in :
Top side silk-screen - Figure 2
Top side layer - Figure 3
Ground layer - Figure 4
Shield layer - Figure 5
Bottom side layer - Figure 6
Bottom side silk-screen - Figure 7.
The EVAL-AD766XCB/AD767XCB is a flexible design that
enables the user to choose among many different board con-
figurations. A description of each selectable jumper/switch is
listed in Table II and the available test points are listed in
Table III. Note that the button of a switch in position A ( U3
side ) defines a low level.
The EVAL-AD766XCB/AD767XCB is configured in factory
with 0 to 2.5 V ADC input range for the AD7660, AD7664,
and AD7675/7676/7677 and +/-5V for the AD7663/7665/
7671; front-end amplifiers U6 and U7 set with a gain of +1,
powered through the EVAL-CONTROL BOARD, and the
on-board
CNVST generation used.
On-board or external
CNVST could be used. When an exter-
nal
CNVST signal is applied, this signal should have very low
jitter and sharp edges to get the best noise performance of the
part. Meanwhile, it is recommended to use the on-board
CNVST generation which is done by dividing MCLK signal
(20MHZ) by the numbers shown in Table I, which are en-
tered in the software. Activity on BUSY pin of the ADC
turns on the LED.
Table I.
CNVST GENERATION
Part
Division Factor
Throughput Rate
AD7660
200
100KSPS
AD7662/68
40
500KSPS
AD7663
80
250KSPS
AD7664/50
35
571KSPS
AD7665
35
571KSPS
AD7671
20
1MSPS
AD7675
200
100KSPS
AD7676
35
571KSPS
AD7677
20
1MSPS
Conversion data is available at the output bus BD on U3, on
the 40-pin connector P2, and on the 96-pin connector P3.
Additionally, BD data is updated on the falling/rising edge of
DBUSY and BBUSY on P3, low when BD data is valid are
delayed from the BD data by about 20 ns to ease the inter-
face. When either parallel or serial reading mode of the ADC
is used, the data is available on this parallel bus. When serial
reading mode of the ADC is used, the serial interface signals
of the ADC are buffered and available on the 20-pin connec-
tor P1. When slave serial reading mode of the
AD766X/AD767X is used, the external serial clock SCLK
applied to the ADC is at half the MCLK frequency.
Power Supplies and Grounding
The evaluation board ground plane is separated into two
sections: a plane for the digital interface circuitry and an ana-
log plane for the analog input and external reference
circuitry. To attain high resolution performance, the board
was designed to ensure that all digital ground return paths do
not cross the analog ground return paths.
The EVAL-AD766XCB/AD767XCB has three power supply
blocks: a single 5V supply VA (SJ1) for the AD766X/AD767X
and the reference voltage circuitry, a digital 5V supply VL (SJ2)
for the digital interface circuitry and the digital section of the
ADC, and a selectable +/-12V (with a possibility of +/-15V
with control Brd2) or +/-5V supply for the analog signal con-
ditioning circuitry (SJ3). All supplies are decoupled to ground
with 10
F tantalum and 0.1
F ceramic capacitors.
Analog Input Ranges
The analog front-end amplifier circuitry U6 and U7 allows
flexible configuration changes such as positive or negative
gain, input range scaling, filtering, addition of a DC compo-
nent, use of different op-amp and supplies.
Figure 1 shows the front end op-amp configuration used with
the AD7660/7663/7664/7665/7671/7675/7676/7677.
In some applications, it is desired to use a bipolar or wider
analog input range like, for instance, ± 10V, ± 5V, ± 2.5V, or
0 to +5V. For the AD76XX parts which do not have directly
those input ranges like the AD7660/7664/7675/7676/7677,
by simple modifications of the input driver circuitry of the
EVAL-AD766XCB/AD767XCB, bipolar and wider input
ranges can be used without any performance degradation.
Components values required and resulting full-scale ranges
are shown in table IV and table V.
In factory, the analog input of U6 is set at mid-scale
(R6=R7=590 ) for the AD7660/7664/7675/7676/7677. For
AD7663/7665/7671, R7 is not connected to maintain the
input at 0V (mid-scale). This allows a transition noise test
without any other equipment. An FFT test can be done by
applying a very low distortion AC source.
EVAL-CONTROL BOARD INTERFACE
The EVAL-AD766XCB/AD767XCB interfaces to the EVAL-
CONTROL BRD2 through the 96-way connector.
RUNNING THE EVAL-AD766X/AD767XCB SOFTWARE
Software Description
The EVAL-AD766XCB/AD767XCB comes with software for
analyzing the AD766X/AD767X. Through the EVAL-CON-
TROL BRD2 one can perform a histogram to determine code
transition noise, and Fast Fourier Transforms (FFT's) to
determine the Signal-to-Noise Ratio (SNR), Signal-to-Noise-
plus-Distortion (SNRD) and Total-Harmonic-Distortion
(THD). The front-end PC software has four screens as
shown in Figure 8,9,10 and 11. Figure 8 is the Setup Screen
where input voltage range, sample rate, number of samples
are selected. Figure 9 is the Histogram Screen, which allows
the code distribution for DC input and computes the mean
and standard deviation.


Similar Part No. - EVAL-AD767XCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7671CB AD-EVAL-AD7671CB Datasheet
335Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. B
EVAL-AD7674CBZ AD-EVAL-AD7674CBZ Datasheet
587Kb / 29P
   18-Bit, 2.5 LSB INL, 800 kSPS, SAR ADC
EVAL-AD7674CBZ2 AD-EVAL-AD7674CBZ2 Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
EVAL-AD7674CBZ2 AD-EVAL-AD7674CBZ2 Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
EVAL-AD7675CB AD-EVAL-AD7675CB Datasheet
399Kb / 20P
   16-Bit, 100 kSPS, Differential ADC
REV. 0
More results

Similar Description - EVAL-AD767XCB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com