Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD7477CB Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-AD7477CB
Description  Evaluation Board for 1MSPS, 12-/ 10-Bit ADCs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7477CB Datasheet(HTML) 3 Page - Analog Devices

  EVAL-AD7477CB Datasheet HTML 1Page - Analog Devices EVAL-AD7477CB Datasheet HTML 2Page - Analog Devices EVAL-AD7477CB Datasheet HTML 3Page - Analog Devices EVAL-AD7477CB Datasheet HTML 4Page - Analog Devices EVAL-AD7477CB Datasheet HTML 5Page - Analog Devices EVAL-AD7477CB Datasheet HTML 6Page - Analog Devices EVAL-AD7477CB Datasheet HTML 7Page - Analog Devices EVAL-AD7477CB Datasheet HTML 8Page - Analog Devices EVAL-AD7477CB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EVAL-AD7476/77CB
REV. 0
–3–
SET-UP CONDITIONS
Care should be taken before applying power and signals to the evaluation board to ensure that all link positions are
as per the required operating mode. Table I shows the position in which all the links are set when the evaluation
board is sent out.
Table I. Initial Link and Switch Positions
Link No.
Position
Function.
LK1
Removed
50W termination resistor is not applied to the input of the VIN circuit.
LK2
Removed
AD780 is set to provide a +2.5V reference.
LK3
Removed
50W termination resistor is not applied to the input of the bias-up circuit.
LK4
Removed
This is not relevant due to the position of LK12.
LK5
A
EVAL-CONTROL BOARD is selected as the DC bias voltage for the optional
bias-up/filter circuit.
LK6
A
+12V supplied from EVAL-CONTROL BOARD via J4.
LK7
A
-12V supplied from EVAL-CONTROL BOARD via J4.
LK8
B
SCLK signal from EVAL-CONTROL BOARD is not inverted, (for faster values
of SCLK).
LK9
B
SCLK signal from EVAL-CONTROL BOARD is not inverted, (for faster values
of SCLK).
LK10
Removed
This is not relevant due to the position of LK8 and LK9, (As 74LS04 is not in
use).
LK11
A
Ain SMB is connected to the input of the analog input buffer.
LK12
B
VDD for the AD7476/77 is supplied from the EVAL-CONTROL BOARD via J4.


Similar Part No. - EVAL-AD7477CB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7477CB AD-EVAL-AD7477CB Datasheet
360Kb / 20P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
REV. D
EVAL-AD7477CBZ36 AD-EVAL-AD7477CBZ36 Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results

Similar Description - EVAL-AD7477CB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7475 AD-EVAL-AD7475 Datasheet
537Kb / 13P
   Evaluation Board for 1MSPS, 12-Bit ADC
REV. 0
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
Intersil Corporation
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Analog Devices
EVAL-AD7470 AD-EVAL-AD7470_15 Datasheet
712Kb / 20P
   Evaluation Board for 10-/12-Bit High Speed, Low Power ADCs
REV. C
EVAL-AD7912 AD-EVAL-AD7912_15 Datasheet
862Kb / 16P
   Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com