Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7495CB Datasheet(PDF) 11 Page - Analog Devices

Part # AD7495CB
Description  Evaluation Board for 1MSPS, 12-Bit ADC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7495CB Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7495CB Datasheet HTML 5Page - Analog Devices AD7495CB Datasheet HTML 6Page - Analog Devices AD7495CB Datasheet HTML 7Page - Analog Devices AD7495CB Datasheet HTML 8Page - Analog Devices AD7495CB Datasheet HTML 9Page - Analog Devices AD7495CB Datasheet HTML 10Page - Analog Devices AD7495CB Datasheet HTML 11Page - Analog Devices AD7495CB Datasheet HTML 12Page - Analog Devices AD7495CB Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
EVAL-AD7475/AD7495CB
REV. 0
–11–
Qty
Reference Designator
Description/Value
Manuf. No.
Supplier No.
14
C1 C4 C5 C10 C11 C13 C16 C19
10uF 35V Tant.
TAP10K35CCSY
FEC 664-881
C21 C23 C25 C26 C28 C33
15
C2 C3 C6 C9 C12 C14 C15 C17
0.1uF Ceramic 50 V
MCDR25104X7RK0050
FEC 750-920
C18 C20 C22 C24 C27 C29 C32
1
C7
0.01uF Ceramic 50 V
MCDR25103X7RK0050
FEC 750-890
1
C8
0.22uF Ceramic 50 V
MCDR50224X7RK0050
FEC 750-967
1
C8
0.1uF Ceramic 50 V
MCDR50104X7RK0050
FEC 750-955
2
C30 C31
68pF Ceramic
MR051A680JT0001
FEC 669-714
5
R1 R2 R3 R4 R6
1K 0.25W 0.1% RC55
Welwyn
FEC 339-179
1
R5
3K 0.25W 0.1% RC55
Welwyn
FEC 339-635
2
R7 R8
51W 0.25W 1%
Multicomp
FEC 543-070
1
D1
SD103C Schottky Diode
DO35
1
U1
AD711KN Op-Amp
ADI AD711KN
ADI
1
U2
AD780AN Voltage Reference
ADI AD780AN
ADI
1
U3
ADOP467G
ADI ADOP467G
ADI
1
U4
AD7495AR
SO8NB
ADI
1
U5
74LS04N
DM74LS04N
FEC 373-450
3
J1 J2 J3 J4
50W Gold Plated PCB SMB Jack M/ACOM
FEC 310-682
1
J5
DIN41612 C96 900 plug
Siemens
FEC 104-986
2
J6 J7
2 Pin Power Connector
Lumberg KRM2
FEC 151-785
1
J8
3 PIN Power Connector
Lumberg KRM3
FEC 151-786
8
LK1 LK3 LK4 LK6-LK8 LK11 LK12
2x2 Way Jumper
Harwin
FEC 511-791
3
LK2 LK9 LK10
2 Way Jumper
Harwin
FEC 511-705
1
LK5
2x3 way jumper
Harwin
FEC 511-780
3
T1 T2 T3
Black Testpoint
W Huges
FEC 240-333
2
U1 U2 U3 U5
Ultra low profile socket strip
Harwin
FEC 519-959
4
Each corner
Stick on feet
3M
FEC 651-813
1
EVAL-AD7495CB
P.C.B.
Figure 4. AD7475/95CB Bill of Materials


Similar Part No. - AD7495CB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7495 AD-AD7495 Datasheet
218Kb / 16P
   1 MSPS, 12-Bit ADCs
REV. A
AD7495 AD-AD7495 Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
AD7495 AD-AD7495 Datasheet
519Kb / 24P
   1 MSPS,12-Bit ADCs
Rev. D
AD7495AR AD-AD7495AR Datasheet
218Kb / 16P
   1 MSPS, 12-Bit ADCs
REV. A
AD7495AR AD-AD7495AR Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
More results

Similar Description - AD7495CB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7476 AD-EVAL-AD7476 Datasheet
508Kb / 12P
   Evaluation Board for 1MSPS, 12-/ 10-Bit ADCs
REV. 0
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
AS1545 AMSCO-AS1545_1 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
logo
Analog Devices
EVAL-AD7482CB AD-EVAL-AD7482CB Datasheet
928Kb / 20P
   Evaluation Board for 3 MSPS, 12-Bit SAR ADC
REV. 0
EVAL-AD7482CB AD-EVAL-AD7482CB_15 Datasheet
933Kb / 20P
   Evaluation Board for 3 MSPS, 12-Bit SAR ADC
REV. 0
EVAL-AD7891-1CB AD-EVAL-AD7891-1CB Datasheet
360Kb / 12P
   Evaluation Board for Single Supply, 12-Bit 454 kSPS ADC
REV. A
EVAL-AD7891-2CB AD-EVAL-AD7891-2CB Datasheet
381Kb / 12P
   Evaluation Board for Single Supply, 12-Bit 500 kSPS ADC
REV. A
logo
Asahi Kasei Microsystem...
AK9240 AKM-AK9240 Datasheet
190Kb / 3P
   AFE with Dual 12-Bit 1MSPS SAR ADC
logo
Analog Devices
EVAL-AD7472CB AD-EVAL-AD7472CB Datasheet
652Kb / 14P
   Evaluation Board for 12-bit high speed, low power, successive-approximation ADC
REV. A
AD7492 AD-AD7492 Datasheet
722Kb / 14P
   Evaluation Board for 12-bit high speed, low power, successive-approximation ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com