Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C0682A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part No. C0682A
Description  LO-CAP COMPUTER CABLE
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GENERAL [General Cable Technologies Corporation]
Homepage  http://www.generalcable.com
Logo 

C0682A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C0682A
Date:
3/26/2009
Revision Level:
1
5C 24 AWG 7/32 TC FMPP OAS PVC
LO-CAP COMPUTER CABLE
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
Braid
#24 AWG 7/32 Tinned Copper
0.016" Wall Foamed Polypropylene
0.032" Wall Polyvinyl Chloride
0.024" nom.
CAROL (R) 24 AWG -- C0682A -- 75C E111240-8 CM (UL) C (UL) CMH OR 80C 30V AWM
STYLE 2919 LOW VOLTAGE COMPUTER CABLE -- MADE IN USA (DATE CODE) (PRINTED
5 Conductors cabled LHL with aluminum/polyester
0.146" nom.
0.056" nom.
0.242" +/- 0.012"
(foil out) & #24 AWG 7/32 TC drain wire
Tinned Copper Braid
70% Nom. Coverage
0.178" nom.
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
SHIELD RESISTANCE:
GROUND CAPACITANCE:
75C (CM); 80C (AWM)
300Vrms (CM) / 30 Vrms (AWM)
25.7 Ohms/1000 ft. nom. @ 20C
11.9 pF/ft. @ 1 kHz nom.
107 Ohms @ 1 MHz nom.
3.8 Ohms/1000 ft. nom. @ 20C
21.5 pF/ft. @ 1 kHz nom.
National Electrical Code
Article 800
UL Standard 444
Type CM (UL) c (UL) CMH
UL Subject 758
AWM Style 2919
1
2
3
4
5
Black
White
Red
Lt. Green
Brown
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn