Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD6050LT1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMBD6050LT1
Description  Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBD6050LT1 Datasheet(HTML) 1 Page - Motorola, Inc

  MMBD6050LT1 Datasheet HTML 1Page - Motorola, Inc MMBD6050LT1 Datasheet HTML 2Page - Motorola, Inc MMBD6050LT1 Datasheet HTML 3Page - Motorola, Inc MMBD6050LT1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Switching Diode
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
VR
70
Vdc
Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board(1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate,(2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
DEVICE MARKING
MMBD6050LT1 = 5AM
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage (I(BR) = 100 µAdc)
V(BR)
70
Vdc
Reverse Voltage Leakage Current
(VR = 50 Vdc)
IR
0.1
µAdc
Forward Voltage
(IF = 1.0 mAdc)
(IF = 100 mAdc)
VF
0.55
0.85
0.7
1.1
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) (Figure 1)
trr
4.0
ns
Capacitance (VR = 0 V)
C
2.5
pF
1. FR– 5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in. 99.5% alumina.
Thermal Clad is a trademark of the Bergquist Company
Order this document
by MMBD6050LT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MMBD6050LT1
1
2
3
CASE 318 – 08, STYLE 8
SOT– 23 (TO – 236AB)
© Motorola, Inc. 1997
3
CATHODE
1
ANODE
REV 1


Similar Part No. - MMBD6050LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD6050LT1 ONSEMI-MMBD6050LT1 Datasheet
78Kb / 4P
   Switching Diode
November, 2001 ??Rev. 3
logo
Leshan Radio Company
MMBD6050LT1 LRC-MMBD6050LT1 Datasheet
53Kb / 2P
   Switching Diode
logo
SHENZHEN YONGERJIA INDU...
MMBD6050LT1 WINNERJOIN-MMBD6050LT1 Datasheet
63Kb / 1P
   MONOLITHIC DUAL SWITCHING DIODE
logo
ON Semiconductor
MMBD6050LT1G ONSEMI-MMBD6050LT1G Datasheet
122Kb / 3P
   Switching Diode
August, 2009 ??Rev. 5
MMBD6050LT1G ONSEMI-MMBD6050LT1G Datasheet
126Kb / 3P
   Switching Diode
October, 2016 ??Rev. 7
More results

Similar Description - MMBD6050LT1

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com