Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2105 Datasheet(PDF) 33 Page - Analog Devices

Part # ADSP-2105
Description  ADSP-2100 Family DSP Microcomputers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2105 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADSP-2105 Datasheet HTML 29Page - Analog Devices ADSP-2105 Datasheet HTML 30Page - Analog Devices ADSP-2105 Datasheet HTML 31Page - Analog Devices ADSP-2105 Datasheet HTML 32Page - Analog Devices ADSP-2105 Datasheet HTML 33Page - Analog Devices ADSP-2105 Datasheet HTML 34Page - Analog Devices ADSP-2105 Datasheet HTML 35Page - Analog Devices ADSP-2105 Datasheet HTML 36Page - Analog Devices ADSP-2105 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
ADSP-21xx
REV. B
–33–
Frequency Dependency
(CLKIN
≤ 25 MHz)
Parameter
Min
Max
Unit
Timing Requirement:
tRDD
RD Low to Data Valid
0.5tCK – 13 + w
ns
tAA
A0–A13, PMS, DMS, BMS to Data Valid
0.75tCK – 18 + w
ns
tRDH
Data Hold from RD High
0
Switching Characteristic:
tRP
RD Pulse Width
0.5tCK – 8 + w
ns
tCRD
CLKOUT High to RD Low
0.25tCK – 5
0.25tCK + 10
ns
tASR
A0–A13, PMS, DMS, BMS Setup before
RD Low
0.25tCK – 10
1
ns
tRDA
A0–A13, PMS, DMS, BMS Hold after RD
Deasserted
0.25tCK – 9
ns
tRWR
RD High to RD or WR Low
0.5tCK – 5
ns
NOTES
1For 25 MHz only minimum frequency dependency formula for t
ASR = (0.25tCK – 8.5).
w = wait states
× t
CK.
TIMING PARAMETERS (ADSP-2101/2105/2111/2115/2161/2163)
MEMORY READ
Figure 32. Memory Read
CLKOUT
A0 – A13
D
t
RDA
RD
WR
DMS, PMS
BMS
t
RWR
t
RP
t
ASR
t
CRD
t
RDD
t
AA
t
RDH
13 MHz
13.824 MHz
16.67 MHz
20 MHz
25 MHz
Parameter
Min
Max
Min
Max
Min
Max
Min
Max Min
Max Unit
Timing Requirement:
tRDD
RD Low to Data Valid
23.5
23.2
17
12
7
ns
tAA
A0–A13, PMS, DMS, BMS to Data Valid
37.7
36.2
27
19.5
12
ns
tRDH
Data Hold from RD High
0
0
0
0
0
ns
Switching Characteristic:
tRP
RD Pulse Width
33.5
28.2
22
17
12
ns
tCRD
CLKOUT High to RD Low
14.2
29.2
13.1
28.1
10
25
7.5
22.5
5
20
ns
tASR
A0–A13, PMS, DMS, BMS Setup before
9.2
8.1
5
2.5
1.5
1
ns
RD Low
tRDA
A0–A13, PMS, DMS, BMS Hold after RD
10.2
9.1
6
3.5
1
ns
Deasserted
tRWR
RD High to RD or WR Low
33.5
31.2
25
20
15
ns


Similar Part No. - ADSP-2105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2105 AD-ADSP-2105 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105 AD-ADSP-2105 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105 AD-ADSP-2105 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105 AD-ADSP-2105 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105BP-55 AD-ADSP-2105BP-55 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results

Similar Description - ADSP-2105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2105KP-40 AD-ADSP-2105KP-40 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2101 AD-ADSP-2101_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX AD-ADSP-21XX Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115BPZ-100 AD-ADSP-2115BPZ-100 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX4444 AD-ADSP-21XX4444 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103 AD-ADSP-2103_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115KP-80 AD-ADSP-2115KP-80 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105 AD-ADSP-2105_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115 AD-ADSP-2115_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADDS-21XX-TOOLS AD-ADDS-21XX-TOOLS Datasheet
121Kb / 16P
   ADSP-2100 Family Development Tools
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com