Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT9048 Datasheet(PDF) 1 Page - DB Lectro Inc

Part No. MT9048
Description  Standard Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MT9048 Datasheet(HTML) 1 Page - DB Lectro Inc

  MT9048 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MT9048 Series
Specifications:
Unit: mm • Tolerance: 0.5mm
Value applying rated voltage (1/2 duty square wave, resonance frequency)
Magnetic Transducer
Standard Type
www.hk-sound.com
P.7
Min Sound Pressure Level at 10cm
dBA
80
83
85
Rated Voltage
Vo-p
1.5
3.6
5
Operating Voltage
Vo-p
1 - 3
2 - 5
3 - 8
Resonance Frequency
Hz
2731
2731
2731
Max Operating Current
mA
80
90
85
Coil Resistance
5.5
215
245
4
Operating Temperature
°C
-20 - +70
-20 - +70
-20 - +70
Case Material
-
Noryl
Noryl
Noryl
Weight
g
1.0
1.0
1.0
Parameters
Units
MT9048A01NP
MT9048A04NP
MT9048A05NP
MT9055 Series
Specifications:
Unit: mm • Tolerance: 0.5mm
Value applying rated voltage (1/2 duty square wave, resonance frequency)
Min Sound Pressure Level at 10cm
dBA
80
85
80
85
Rated Voltage
Vo-p
1.5
5
1.5
5
Operating Voltage
Vo-p
1 - 3
4 - 6
1 - 3
4 - 6
Resonance Frequency
Hz
2731
2731
3100
3100
Max Operating Current
mA
80
60
80
60
Coil Resistance
5.5
140
4
5.5
140
4
Operating Temperature
°C
-20 - +70
-20 - +70
-20 - +70
-20 - +70
Case Material
-
Noryl
Noryl
Noryl
Noryl
Weight
g
1.0
1.0
1.0
1.0
Parameters
Units
MT9055A01NP
MT9055A05NP
MT9055B01NP
MT9055B05NP
MT9650 Series
Specifications:
Unit: mm • Tolerance: 0.5mm
Value applying rated voltage (1/2 duty square wave, resonance frequency)
Min Sound Pressure Level at 10cm
dBA
85
85
80
85
Rated Voltage
Vo-p
1.5
3.5
1.5
5
Operating Voltage
Vo-p
1 - 3
2 - 4
1 - 2
4 - 8
Resonance Frequency
Hz
2731
2731
3100
3100
Max Operating Current
mA
80
60
80
100
Coil Resistance
5.5
125
1
5.5
140
7.5
Operating Temperature
°C
-20 - +60
-20 - +60
-20 - +60
-20 - +60
Case Material
-
Noryl
Noryl
Noryl
Noryl
Weight
g
1.0
1.0
1.0
1.0
Parameters
Units
MT9650A01NP
MT9650A03NP
MT9650B01NP
MT9650B05NP
Potting


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn