Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT1210 Datasheet(PDF) 1 Page - DB Lectro Inc

Part No. MT1210
Description  MT1210 Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MT1210 Datasheet(HTML) 1 Page - DB Lectro Inc

  MT1210 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MT1210 Series
Specifications:
Min Sound Pressure Level at 10cm
dBA
85
80
85
85
Rated Voltage
Vo-p
1.5
1.5
5
1.5
Operating Voltage
Vo-p
0.8 - 2.5
1 - 2
3 - 8
1 - 2
Resonance Frequency
Hz
2200
2400
2400
2800
Max Operating Current
mA
100
30
50
30
Coil Resistance
3.5
116
4.5
40
516
4.5
Operating Temperature
°C
-40 - +85
-40 - +85
-40 - +85
-40 - +85
Case Material
-
PBT
PBT
PBT
PBT
Weight
g
2.0
2.0
2.0
2.0
Parameters
Units
MT1210A01HP
MT1210B01HP
MT1210B05HP
MT1210C01HP
Magnetic Transducer
Standard Type
www.hk-sound.com
Parameters
Units
MT1255A01NP
MT1255B01NP
P.12
MT1213 Series
Specifications:
Parameters
Units
MT1213A01NP
Unit: mm • Tolerance: 0.5mm
Min Sound Pressure Level at 10cm
dBA
80
Rated Voltage
Vo-p
1.5
Operating Voltage
Vo-p
1 - 3
Resonance Frequency
Hz
2048
Max Operating Current
mA
30
Coil Resistance
16
4
Operating Temperature
°C
-20 - +70
Case Material
-
Noryl
Weight
g
2.0
Value applying rated voltage (1/2 duty square wave, resonance frequency)
MT1405 Series
Specifications:
Parameters
Units
MT1405A03NP
Unit: mm • Tolerance: 0.5mm
Min Sound Pressure Level at 10cm
dBA
85
Rated Voltage
Vo-p
3
Operating Voltage
Vo-p
1 - 4
Resonance Frequency
Hz
2000
Max Operating Current
mA
35
Coil Resistance
40
6
Operating Temperature
°C
-20 - +70
Case Material
-
Noryl
Weight
g
2.0
Value applying rated voltage (1/2 duty square wave, resonance frequency)
Value applying rated voltage (1/2 duty square wave, resonance frequency)
Unit: mm • Tolerance: 0.3mm
* Washable


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn