Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8420 Datasheet(PDF) 8 Page - Analog Devices

Part # DAC8420
Description  Quad 12-Bit Serial Voltage Output DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420 Datasheet(HTML) 8 Page - Analog Devices

Back Button DAC8420 Datasheet HTML 4Page - Analog Devices DAC8420 Datasheet HTML 5Page - Analog Devices DAC8420 Datasheet HTML 6Page - Analog Devices DAC8420 Datasheet HTML 7Page - Analog Devices DAC8420 Datasheet HTML 8Page - Analog Devices DAC8420 Datasheet HTML 9Page - Analog Devices DAC8420 Datasheet HTML 10Page - Analog Devices DAC8420 Datasheet HTML 11Page - Analog Devices DAC8420 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DAC8420
REV. 0
–8–
Table III. Analog Output Code
DAC Data Word (HEX)
VOUT
Note
FFF
VREFLO
+
(VREFHI – VREFLO )
4096
× 4095
Full-Scale Output
801
VREFLO
+
(VREFHI – VREFLO )
4096
× 2049
Midscale + 1
800
VREFLO
+
(VREFHI – VREFLO )
4096
× 2048
Midscale
7FF
VREFLO
+
(VREFHI – VREFLO )
4096
× 2047
Midscale – 1
000
VREFLO
+
(VREFHI – VREFLO )
4096
× 0
Zero Scale
Typical Performance Characteristics
0.3
–0.3
14
0
–0.2
–4
–0.1
–6
0.2
0.1
12
10
8
6
4
2
0
–2
VVREFHI – V
TA = +25°C
VDD = +15V, VSS = –15V
VVREFLO = –10V
Figure 4. INL vs. VREFHI (
±15 V)
0.3
–0.3
14
0
–0.2
–4
–0.1
–6
0.2
0.1
12
10
8
6
4
2
0
–2
VVREFHI – V
TA = +25°C
VDD = +15V, VSS = –15V
VVREFLO = –10V
Figure 2. Differential Linearity vs.
VREFHI (
±15 V)
0.10
–0.30
–0.20
–0.25
1.5
–0.10
–0.15
–0.05
0
0.05
3.5
3.0
2.5
2.0
V
VREFHI
– V
T
A
= +25°C
V
DD
= +5V, V
SS
= 0V
V
VREFLO
= 0V
Figure 3. Differential Linearity vs.
VREFHI (+5 V)
0.4
–0.4
–0.2
–0.3
1.5
0
–0.1
0.1
0.2
0.3
3.5
3.0
2.5
2.0
VVREFHI – V
TA = +25°C
VDD = +5V, VSS = 0V
VVREFLO = 0V
Figure 5. INL vs. VREFHI (+5 V)
0.7
–0.5
1000
0.1
–0.3
200
–0.1
0
0.5
0.3
800
600
400
T = HOURS OF OPERATION AT +125
°C
x + 3
σ
x
x – 3
σ
CURVES NOT NORMALIZED
VDD = +15V, VSS = –15V
VVREFHI = +10V
VVREFLO = –10V
Figure 6. Full-Scale Error vs.
Time Accelerated by Burn-In
1.2
0
1000
0.6
0.2
200
0.4
0
1.0
0.8
800
600
400
T = HOURS OF OPERATION AT +125
°C
x + 3
σ
x
x – 3
σ
CURVES NOT NORMALIZED
VDD = +15V, VSS = –15V
VVREFHI = +10V
VVREFLO = –10V
Figure 7. Zero-Scale Error vs.
Time Accelerated by Burn-In


Similar Part No. - DAC8420

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
DAC8420EP AD-DAC8420EP Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
DAC8420EPZ AD-DAC8420EPZ Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
DAC8420EPZ2 AD-DAC8420EPZ2 Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
DAC8420ES AD-DAC8420ES Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
More results

Similar Description - DAC8420

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
logo
Analog Devices
AD5726 AD-AD5726 Datasheet
523Kb / 20P
   Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
REV. 0
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5312 MAXIM-MAX5312 Datasheet
1Mb / 19P
   -10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5842 MAXIM-MAX5842 Datasheet
462Kb / 15P
   Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com