Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSU8111 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TSU8111
Description  SINGLE CELL CHARGER AND USB SP2T SWITCH SUPPORT USB AND UART
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSU8111 Datasheet(HTML) 2 Page - Texas Instruments

  TSU8111 Datasheet HTML 1Page - Texas Instruments TSU8111 Datasheet HTML 2Page - Texas Instruments TSU8111 Datasheet HTML 3Page - Texas Instruments TSU8111 Datasheet HTML 4Page - Texas Instruments TSU8111 Datasheet HTML 5Page - Texas Instruments TSU8111 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UART
USB
Micro
USB
DP_HT
TxD
RxD
TSU8111 SWITCH
MATRIX
DM_HT
VBUS
DM_CON
DP_CON
ID_CON
Charger
Detection
Sources
And
Comp’s
Accessory
ID
Detection
ADC
I2C Interface
&
Hardware
Control
VBUS
DP
DM
ID
Buffers and/or
Comparators
JIG
INTB
SDA
SCL
VDDIO
BOOT
I2C
Interface
Switches
RxD
TxD
USB_DM
USB_DP
State Machine
Switch
Ctrl
VBAT
CHARGER
IC
VLDO
LOW
DROPOUT
REGULATOR
TSU8111
SCDS335 – SEPTEMBER 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DESCRIPTION
The TSU8111 is a differential high performance automated SP2T switch with impedance detection and integrated
Li-Ion linear charger device targeted at space-limited portable applications. The switch features impedance
detection which supports the detection of various accessories that are attached through DP, DM and ID. The
charger detection satisfies USB charger specification v1.1. VBUS has 28V tolerance to avoid external protection.
The device operates from either a USB port or dedicated charger and supports charge currents up to 950mA.
Power for this device is supplied through VBAT of the system or through VBUS when attached.
The switch is controlled by automatic detection logic or through I2C manually. JIG and BOOT pins are used
when a USB, UART JIG cable is used to test in the development and manufacturing. TSU8111 has open-drain
JIG output (active low).
BLOCK DIAGRAM
SWITCH MATRIX
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - TSU8111

ManufacturerPart #DatasheetDescription
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
TSU-100G EPSON-TSU-100G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Epson Company
TSU-20G EPSON-TSU-20G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
TSU-70G EPSON-TSU-70G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
More results

Similar Description - TSU8111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSU6111 TI1-TSU6111 Datasheet
869Kb / 25P
[Old version datasheet]   SP2T Switch with Impedance Detection Micro-USB Switch to Support USB, UART
TSU6111A TI1-TSU6111A Datasheet
1Mb / 32P
[Old version datasheet]   USB Port SP2T Switch Supports USB & UART
TSU5511 TI1-TSU5511 Datasheet
363Kb / 25P
[Old version datasheet]   SP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER
TSU5611 TI1-TSU5611 Datasheet
477Kb / 7P
[Old version datasheet]   DP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER DETECTION
BQ24157 TI-BQ24157 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode Charger With USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_17 Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com