Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD5S116 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPD5S116
Description  HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD5S116 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPD5S116 Datasheet HTML 3Page - Texas Instruments TPD5S116 Datasheet HTML 4Page - Texas Instruments TPD5S116 Datasheet HTML 5Page - Texas Instruments TPD5S116 Datasheet HTML 6Page - Texas Instruments TPD5S116 Datasheet HTML 7Page - Texas Instruments TPD5S116 Datasheet HTML 8Page - Texas Instruments TPD5S116 Datasheet HTML 9Page - Texas Instruments TPD5S116 Datasheet HTML 10Page - Texas Instruments TPD5S116 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TPD5S116
www.ti.com
SLVSBP3 – DECEMBER 2012
ELECTRICAL CHARACTERISTICS
Max values measured across temp and VCCA=1.1V to 5.5V and 5V_SYS=5.5V. Typical values measured at VCCA=1.8V and
5V_SYS=5V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current
5V_SYS =5V, 5V_CON =Open EN =
Disabled
2
10
µA
GND, HPD_CON=GND
5V_SYS =5V, 5V_CON =Open EN =
ICC5V
Load Switch active
30
50
µA
VCCA, HPD_CON=GND
5V_SYS =5V, 5V_CON =Open EN =
Active
125
200
µA
VCCA, HPD_CON=5V
Load Switch
Reverse voltage comparator trip
VREV
5V_SYS=4V, 5V_CON > 5V_SYS
100
mV
point
5V_CON=0V, 5V_SYS=5V ,
EN=GND, HPD_CON=GND
1
5
µA
Measured at 5V_SYS pin.
5V_CON=0V, 5V_SYS=5V ,
EN=GND, HPD_CON=5V Measured
1
5
µA
at 5V_SYS pin
5V_CON =5V, 5V_SYS =0V ,
EN=GND, HPD_CON=GND
1
5
µA
Measured at 5V_CON pin.
IOFF
Leakage Current
5V_CON =5V, 5V_SYS =0V
EN=GND, HPD_CON=5V Measured
1
5
µA
at 5V_CON pin.
5V_CON =5V, 5V_SYS =0V,
EN=VCCA, HPD_CON=GND
1
5
µA
Measured at 5V_CON pin.
5V_CON =5V, 5V_SYS =0V,
EN=VCCA, HPD_CON=5V Measured
1
5
µA
at 5V_CON pin.
ISC
Short circuit current at 5V_CON
5V_SYS=5V, 5V_CON = GND
110
140
170
mA
5V_SYS=5V , EN=VCCA, Short
TDEGLITCH
Deglitch time against false short
3
µs
5V_CON
5V_SYS=0V to 5V, RL = 100
Ω, CL =
UVLO
Under voltage lockout rising
2.85
V
1uF
UVLO_HY
Under voltage lockout falling
5V_SYS=5V to 0V, RL = 100
Ω, CL =
200
mV
S
hysteresis
1uF
VDROP
5V_OUT output voltage drop
5V_SYS =5V, I5V_OUT = 55 mA
38.5
55
mV
5V_SYS=5V, RL=100
Ω, Cin=10uF,
IRUSH
Inrush Current
140
mA
C=1uF
5V_SYS=5V, RL=100
Ω, Cin=10uF,
TON
Turn on Time, EN to 5V_CON
92.3
µs
C=1uF
5V_SYS=5V, RL=100
Ω, Cin=10uF,
TOFF
Turn off Time, EN to 5V_CON
5
µs
C=1uF
Shutdown threshold, TRIP(1)
166
TSHUT
Thermal Shutdown
°C
HYST(2)
23
(1)
The TPD5S116 turns off after the device temperature reaches the TRIP temperature.
(2)
Once the thermal shut-down circuit turns off the load switch, the switch turns on again after the device junction temperature cools down
to a temperature equals to or less than TRIP-HYST.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPD5S116


Similar Part No. - TPD5S116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD5S115YFFR TI-TPD5S115YFFR Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
More results

Similar Description - TPD5S116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
logo
NXP Semiconductors
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
   HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_15 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
logo
Fairchild Semiconductor
FSTUD16211 FAIRCHILD-FSTUD16211_06 Datasheet
309Kb / 8P
   24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
logo
NXP Semiconductors
IP4776CZ38 PHILIPS-IP4776CZ38 Datasheet
104Kb / 13P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 02-18 September 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com