Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD5S115YFFR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPD5S115YFFR
Description  HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD5S115YFFR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPD5S115YFFR Datasheet HTML 5Page - Texas Instruments TPD5S115YFFR Datasheet HTML 6Page - Texas Instruments TPD5S115YFFR Datasheet HTML 7Page - Texas Instruments TPD5S115YFFR Datasheet HTML 8Page - Texas Instruments TPD5S115YFFR Datasheet HTML 9Page - Texas Instruments TPD5S115YFFR Datasheet HTML 10Page - Texas Instruments TPD5S115YFFR Datasheet HTML 11Page - Texas Instruments TPD5S115YFFR Datasheet HTML 12Page - Texas Instruments TPD5S115YFFR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TPD5S115
www.ti.com
SLVSBL2B – OCTOBER 2012 – REVISED MARCH 2013
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
–40°C to 85°C
UNIT
MIN
TYP
MAX
Voltage Level Shifter - HPD Line (X_A & x_B)
VOHA
IOH = –3 mA
VI = VIH
1.2 V to 3.6 V
VCCA ×
V
0.7
VOLA
IOL = 3 mA
VI = VIL
1.2 V to 3.6 V
0.4
V
Pull-up
RPD
Internal pull-down
HPD_B
connected to
100
k
Ω
GND
IOZ
A port
VI = VCCI or GND
3.6 V
±5
µA
LS_OE, EN
II
VI = VCCA or GND
1.2 V to 3.6 V
±12
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
Supply & EN Signal
–40°C to 85°C
UNIT
MIN
TYP
MAX
I/O Capacitances
VBIAS = 1.8 V, f = 1 MHz, 30 mVp-
EN, LS_OE
VCCA = 3.6 V VBAT= 5 V
7.1
9.5
pF
p ac signal
VBIAS = 1.8 V, f = 1 MHz, 30 mVp- VCCA = 3.6 V VBAT = 5 V,
SCL_A, SDA_A, CEC_A
7
pF
p ac signal
EN = L
VBIAS = 1.8 V, f = 1 MHz, 30 mVp- VCCA = 3.6 V VBAT = 5 V,
HPD_A, HPD_B
4
pF
p ac signal
EN = L
C
VBIAS = 2.5 V, f = 100 kHz, 3.5
VCCA = 3.6 V VBAT = 5 V,
SCL_B, SDA_B
10
pF
Vp-p ac signal
EN = L, LS_OE = H
VBIAS = 1.65 V, f = 100 kHz, 2.5
VCCA = 3.6 V VBAT = 5 V,
CEC_B
7
pF
Vp-p ac signal
EN=L, LS_OE = H
VBIAS = 1.65 V, f = 100 kHz, 2.5
CEC_B
VCCA = 0 V 5V_IN = 0 V
7
pF
Vp-p ac signal
SWITCHING CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Bus Load Capacitance (B side)
750
CL
pF
Bus Load Capacitance (A side)
15
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPD5S115


Similar Part No. - TPD5S115YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
TPD5S116YFFR TI-TPD5S116YFFR Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
More results

Similar Description - TPD5S115YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015 TI-TPD12S015 Datasheet
1Mb / 27P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
logo
STMicroelectronics
STOD1412 STMICROELECTRONICS-STOD1412 Datasheet
532Kb / 21P
   Step-up and inverting DC-DC converter
logo
Texas Instruments
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
logo
Linear Integrated Syste...
LT3467AIS6 LINEAR-LT3467AIS6 Datasheet
254Kb / 18P
   1.1A Step-Up DC/DC Converter with
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com