Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA9517DSGR Datasheet(PDF) 6 Page - Texas Instruments

Part # TCA9517DSGR
Description  LEVEL-TRANSLATING I2C BUS REPEATER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA9517DSGR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TCA9517DSGR Datasheet HTML 2Page - Texas Instruments TCA9517DSGR Datasheet HTML 3Page - Texas Instruments TCA9517DSGR Datasheet HTML 4Page - Texas Instruments TCA9517DSGR Datasheet HTML 5Page - Texas Instruments TCA9517DSGR Datasheet HTML 6Page - Texas Instruments TCA9517DSGR Datasheet HTML 7Page - Texas Instruments TCA9517DSGR Datasheet HTML 8Page - Texas Instruments TCA9517DSGR Datasheet HTML 9Page - Texas Instruments TCA9517DSGR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TCA9517
SCPS242 – DECEMBER 2012
www.ti.com
I
2C INTERFACE TIMING REQUIREMENTS
VCCB = 2.7 V to 5.5 V, GND = 0 V, TA = –40°C to 85°C (unless otherwise noted)
(1) (2)
FROM
TO
PARAMETER
TEST CONDITIONS
MIN
TYP(3) MAX UNIT
(INPUT)
(OUTPUT)
SDAB, SCLB(4)
SDAA, SCLA(4)
80
141
250
(see Figure 5)
(see Figure 5)
tPLZ
Propagation delay
ns
SDAA, SCLA(5)
SDAB, SCLB(5)
25
74
110
(see Figure 4)
(see Figure 4)
VCCA ≤ 2.7 V
30
76(6)
110
(see Figure 3)
SDAB, SCLB
SDAA, SCLA
VCCA ≥ 3 V
tPZL
Propagation delay
10
86
230
ns
(see Figure 3)
SDAA, SCLA(5)
SDAB, SCLB(5)
60
107
230
(see Figure 4)
(see Figure 4)
VCCA ≤ 2.7 V
10
12
15
(see Figure 4)
B side to A side
VCCA ≥ 3 V
tTLH
Transition time
80%
20%
40
42
45
ns
(see Figure 4)
A side to B side
110
125
140
(see Figure 3)
VCCA ≤ 2.7 V
1
52(6)
105
(see Figure 4)
B side to A side
VCCA ≥ 3 V
tTHL
Transition time
80%
20%
20
67
175
ns
(see Figure 4)
A side to B side
30
48
90
(see Figure 3)
(1)
Times are specified with loads of 1.35-k
Ω pullup resistance and 50-pF load capacitance on the B side and 167-Ω pullup and 57-pF load
capacitance on the A side. Different load resistance and capacitance alter the RC time constant, thereby changing the propagation delay
and transition times.
(2)
Pullup voltages are VCCA on the A side and VCCB on the B side.
(3)
Typical values were measured with VCCA = VCCB = 3.3 V at TA = 25°C, unless otherwise noted.
(4)
The tPLH delay data from B to A side is measured at 0.4 V on the B side to 0.5 VCCA on the A side when VCCA is less than 2 V, and
1.5 V on the A side if VCCA is greater than 2 V.
(5)
The proportional delay data from A to B side is measured at 0.3 VCCA on the A side to 1.5 V on the B side.
(6)
Typical value measured with VCCA = 2.7 V at TA = 25°C
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TCA9517


Similar Part No. - TCA9517DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9517DGKRQ1 TI1-TCA9517DGKRQ1 Datasheet
346Kb / 22P
[Old version datasheet]   Level-Shifting I2C Bus Repeater
TCA9517DGKRQ1 TI-TCA9517DGKRQ1 Datasheet
6Mb / 33P
[Old version datasheet]   TPS38700Q1EVM Voltage Sequencer
REVISED APRIL 2022
More results

Similar Description - TCA9517DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
   Level translating I2C-bus repeater
Rev. 4-9 May 2012
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
TEXAS ADVANCED OPTOELEC...
PCA9517 TAOS-PCA9517 Datasheet
490Kb / 17P
   LEVEL-TRANSLATING I2C BUS REPEATER
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A Datasheet
202Kb / 14P
   Level-Translating I2C-Bus Repeater
August, 2013 ??Rev. 0
logo
Texas Instruments
PCA9517 TI-PCA9517 Datasheet
451Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517A NXP-PCA9517A Datasheet
118Kb / 19P
   Level translating I2C-bus repeater
Rev. 02-5 May 2008
PCA9517 PHILIPS-PCA9517 Datasheet
107Kb / 13P
   Level translating I2C-bus repeater
2004 Oct 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com