Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS324 Datasheet(PDF) 16 Page - Texas Instruments

Part # SN65LVDS324
Description  1080p60 IMAGE SENSOR RECEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS324 Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN65LVDS324 Datasheet HTML 12Page - Texas Instruments SN65LVDS324 Datasheet HTML 13Page - Texas Instruments SN65LVDS324 Datasheet HTML 14Page - Texas Instruments SN65LVDS324 Datasheet HTML 15Page - Texas Instruments SN65LVDS324 Datasheet HTML 16Page - Texas Instruments SN65LVDS324 Datasheet HTML 17Page - Texas Instruments SN65LVDS324 Datasheet HTML 18Page - Texas Instruments SN65LVDS324 Datasheet HTML 19Page - Texas Instruments SN65LVDS324 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
IMAGE
SENSOR
1080p60
SN65LVDS324
SD[1:0]P/N
SD[4:3]P/N
SCLKP/N
SD2P/N
SD[11:5]P/N
SCL
SDA
1.8V
VCC
VCCA
CLKIN
CH1[1:0]_P/N
CH2[1:0]_P/N
CLK1_P/N
CLK2_P/N
Configuration
and Control
CSR 09[2:0] = 3’b010
CSR 0A[1:0] = 2’b10
Digital Signal
Processor
D[15:12]
D[11:0]
CLKOUT
VSYNC
HSYNC
CLKOUT = 148.5MHz
D[15:12] Output = 4’b0
DSP I/O @ 1.8V CMOS
NC
1.8V
< 1cm difference in length
RST
1.5k Ω
2-Channel 2-Port
12-Bit 1080p60
LVDS DDR @ 222.75MHz
37.125 MHz
IMAGE
SENSOR
1080p60
Digital Signal
Processor
RST
D[15:12]
D[11:0]
CLKOUT
VSYNC
HSYNC
< 1cm difference in length
SN65LVDS324
SD[11:0]P
SD[11:0]N
SCLKP/N
SD[1:0]P/N
SCL
SDA
1.8V
VCC
VCCA
37.125 MHz
LVDS Parallel 12-Bit 1080p60
LVDS DDR @ 74.25MHz
D[11:0]_P
D[11:0]_N
CLK_P/N
3x 10 Ω
CLKOUT = 148.5MHz
D[15:12] Output = 4’b0
DSP I/O @ 1.8V CMOS
NC
1.8V
1.5kΩ
Configuration and Control
CSR 09[2:0] = 3’b001
CSR 0A[1:0] = 2’b10
SN65LVDS324
SLLSED9 – NOVEMBER 2012
www.ti.com
TYPICAL APPLICATIONS (continued)
Sony LVDS Parallel 12-Bit Mode
Figure 14 illustrates the 12-bit LVDS Parallel mode for 1080p60 operation. This mode operates identically to the
LVDS Parallel 10-bit mode other than the data width and sync codes.
Figure 14. LVDS Parallel 12bpp Application
Panasonic 2-Channel 2-Port 12-Bit Mode
Figure 15 illustrates the 1080p60 2-Channel 2-Port 12-bit operating mode.
Figure 15. 2-Channel 2-Port 12bpp Application
The channel 2 clock is not guaranteed to be synchronous with channel 1; the SN65LVDS324 Word Alignment
function provides the data synchronization between channel 1 and channel 2. If the sensor output is dual-frame
WDR, the SN65LVDS324 transmits the data for both frames.
16
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: SN65LVDS324


Similar Part No. - SN65LVDS324

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS32 TI-SN65LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS32 TI-SN65LVDS32 Datasheet
1,017Kb / 31P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS32 TI-SN65LVDS32 Datasheet
319Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS32 TI-SN65LVDS32 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS32 TI-SN65LVDS32 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN65LVDS324

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOII4SM014KA ONSEMI-NOII4SM014KA Datasheet
586Kb / 25P
   Image Sensor
June, 2011 - Rev. 7
logo
List of Unclassifed Man...
KAI-1010 ETC2-KAI-1010 Datasheet
1,018Kb / 37P
   Image Sensor
logo
AMI SEMICONDUCTOR
AMIS-721250 AMI-AMIS-721250 Datasheet
627Kb / 12P
   Contact Image Sensor
PI3033B AMI-PI3033B Datasheet
921Kb / 13P
   Contact Image Sensor
logo
Toshiba Semiconductor
TCD2901D TOSHIBA-TCD2901D Datasheet
445Kb / 13P
   CCD IMAGE SENSOR
logo
ON Semiconductor
MT9M034 ONSEMI-MT9M034 Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
   Digital Image Sensor
Rev. J Pub. 4/15 EN
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
AMI SEMICONDUCTOR
AMIS-720233 AMI-AMIS-720233 Datasheet
461Kb / 12P
   Contact Image Sensor
AMIS-720341 AMI-AMIS-720341 Datasheet
1Mb / 16P
   Contact Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com