Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65DSI85 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DSI85
Description  MIPI DSI BRIDGE TO FLATLINK LVDS Dual Channel DSI to Dual-Link LVDS Bridge
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65DSI85 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65DSI85 Datasheet HTML 4Page - Texas Instruments SN65DSI85 Datasheet HTML 5Page - Texas Instruments SN65DSI85 Datasheet HTML 6Page - Texas Instruments SN65DSI85 Datasheet HTML 7Page - Texas Instruments SN65DSI85 Datasheet HTML 8Page - Texas Instruments SN65DSI85 Datasheet HTML 9Page - Texas Instruments SN65DSI85 Datasheet HTML 10Page - Texas Instruments SN65DSI85 Datasheet HTML 11Page - Texas Instruments SN65DSI85 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
SN65DSI85
SLLSEB9C – SEPTEMBER 2012 – REVISED DECEMBER 2012
www.ti.com
SWITCHING CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
DSI
tGS
DSI LP glitch suppression pulse width
300
ps
Skew time from DSI Channel A to Channel B in dual DSI
tSK
See Figure 20
operation
LVDS
tc
Output clock period
6.49
40
ns
tw
High-level output clock (CLK) pulse duration
4/7 tc
ns
t0
Delay time, CLK
↑ to 1st serial bit position
-0.15
0.15
ns
t1
Delay time, CLK
↑ to 2nd serial bit position
1/7 tc – 0.15
1/7 tc + 0.15
ns
t2
Delay time, CLK
↑ to 3rd serial bit position
2/7 tc – 0.15
2/7 tc + 0.15
ns
tc = 6.49 ns;
t3
Delay time, CLK
↑ to 4th serial bit position
Input clock jitter < 25 ps
3/7 tc – 0.15
3/7 tc + 0.15
ns
(REFCLK)
t4
Delay time, CLK
↑ to 5th serial bit position
4/7 tc – 0.15
4/7 tc + 0.15
ns
t5
Delay time, CLK
↑ to 6th serial bit position
5/7 tc – 0.15
5/7 tc + 0.15
ns
t6
Delay time, CLK
↑ to 7th serial bit position
6/7 tc – 0.15
6/7 tc + 0.15
ns
tr
Differential output rise-time
see Figure 4
180
500
ps
tf
Differential output fall-time
EN, ULPS, RESET
ten
Enable time from EN or ULPS
1
tc(o) = 12.9 ns
ms
tdis
Disable time to standby; see Figure 5
0.1
treset
Reset Time
10
ms
REFCLK
REFCLK Freqeuncy. Supported frequencies:
FREFCLK
25
154
MHz
25 MHz - 15 4MHz
tr, tf
REFCLK rise and fall time
100ps
1ns
s
tpj
REFCLK Peak-to-Peak Phase Jitter
50
ps
Duty
REFCLK Duty Cycle
40%
50%
60%
REFCLK or DSI CLK (DACP/N, DBCP/N)
SSC enabled Input CLK center spread depth(2)
0.5%
1%
2%
SSC_CLKIN
Modulation Frequency Range
30
60
kHz
(1)
All typical values are at VCC = 1.8 V and TA = 25°C
(2)
For EMI reduction purpose, SN65DSI85 supports the center spreading of the LVDS CLK output through the REFCLK or DSI CLK input.
The center spread CLK input to the REFCLK or DSI CLK is passed through to the LVDS CLK output A_CLKP/N and/or B_CLKP/N.
Figure 1. DSI HS Mode Receiver Timing Definitions
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: SN65DSI85


Similar Part No. - SN65DSI85

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DSI85 TI1-SN65DSI85 Datasheet
194Kb / 7P
[Old version datasheet]   MIPI DSI Bridge to FlatLink LVDS Dual-Channel DSI to Dual-Link LVDS Bridge
SN65DSI85 TI-SN65DSI85 Datasheet
2Mb / 58P
[Old version datasheet]   SN65DSI85 MIPI짰 DSI Bridge to FlatLink??LVDS Dual Channel DSI to Dual-Link LVDS Bridge
SN65DSI85-Q1 TI1-SN65DSI85-Q1 Datasheet
194Kb / 7P
[Old version datasheet]   MIPI DSI Bridge to FlatLink LVDS Dual-Channel DSI to Dual-Link LVDS Bridge
SN65DSI85-Q1 TI-SN65DSI85-Q1 Datasheet
2Mb / 58P
[Old version datasheet]   SN65DSI85 MIPI짰 DSI Bridge to FlatLink??LVDS Dual Channel DSI to Dual-Link LVDS Bridge
SN65DSI85TPAPRQ1 TI1-SN65DSI85TPAPRQ1 Datasheet
194Kb / 7P
[Old version datasheet]   MIPI DSI Bridge to FlatLink LVDS Dual-Channel DSI to Dual-Link LVDS Bridge
More results

Similar Description - SN65DSI85

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DSI85-Q1 TI1-SN65DSI85-Q1 Datasheet
194Kb / 7P
[Old version datasheet]   MIPI DSI Bridge to FlatLink LVDS Dual-Channel DSI to Dual-Link LVDS Bridge
SN65DSI84 TI-SN65DSI84 Datasheet
1Mb / 37P
[Old version datasheet]   MIPI DSI BRIDGE TO FLATLINK LVDS Single Channel DSI to Dual-Link LVDS Bridge
SN65DSI83 TI-SN65DSI83 Datasheet
1Mb / 34P
[Old version datasheet]   MIPI DSI BRIDGE TO FLATLINK LVDS Single Channel DSI to Single-Link LVDS Bridge
SN65DSI85 TI-SN65DSI85_V01 Datasheet
2Mb / 58P
[Old version datasheet]   SN65DSI85 MIPI짰 DSI Bridge to FlatLink??LVDS Dual Channel DSI to Dual-Link LVDS Bridge
SN65DSI84 TI-SN65DSI84_V01 Datasheet
2Mb / 50P
[Old version datasheet]   SN65DSI84 MIPI짰 DSI Bridge To FLATLINK??LVDS Single Channel DSI to Dual-Link LVDS Bridge
SN65DSI83 TI-SN65DSI83_V01 Datasheet
2Mb / 49P
[Old version datasheet]   SN65DSI83 MIPI짰 DSI Bridge to FlatLink??LVDS Single-Channel DSI to Single-Link LVDS Bridge
SN65DSI84-Q1 TI1-SN65DSI84-Q1 Datasheet
779Kb / 52P
[Old version datasheet]   Automotive Single-Channel MIPI DSI to Dual-Link LVDS Bridge
SN65DSI83-Q1 TI1-SN65DSI83-Q1 Datasheet
770Kb / 51P
[Old version datasheet]   Automotive Single-Channel MIPI짰 DSI to Single-Link LVDS Bridge
SN65DSI86-Q1 TI1-SN65DSI86-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   MIPI DSI to eDP Bridge
DS90UB941AS-Q1 TI1-DS90UB941AS-Q1 Datasheet
1Mb / 139P
[Old version datasheet]   DSI to FPD-Link III Bridge Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com