Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP8480 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8480
Description  Precision 76V High-Side Current Sense Amplifiers with Voltage Output
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8480 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP8480 Datasheet HTML 6Page - Texas Instruments LMP8480 Datasheet HTML 7Page - Texas Instruments LMP8480 Datasheet HTML 8Page - Texas Instruments LMP8480 Datasheet HTML 9Page - Texas Instruments LMP8480 Datasheet HTML 10Page - Texas Instruments LMP8480 Datasheet HTML 11Page - Texas Instruments LMP8480 Datasheet HTML 12Page - Texas Instruments LMP8480 Datasheet HTML 13Page - Texas Instruments LMP8480 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
.01
.1
1
10
.001
.01
.1
1
10
SOURCING CURRENT (mA)
VCC= 12V
-40°C
+25°C
+85°C
+125°C
.01
.1
1
10
.001
.01
.1
1
10
SINKING CURRENT (mA)
VCC= 12V
-40°C
+25°C
+85°C
+125°C
.01
.1
1
10
.001
.01
.1
1
10
SINKING CURRENT (mA)
VCC= 5V
-40°C
+25°C
+85°C
+125°C
.01
.1
1
10
.001
.01
.1
1
10
SOURCING CURRENT (mA)
VCC= 5V
-40°C
+25°C
+85°C
+125°C
LMP8480, LMP8481
SNVS829A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, VCC= 4.5V to 76V, 4.5V < VCM < 76V, RL= 100k, VSENSE = (VR
SP – V
RSN) = 0V, for all
gain options.
Saturated Output Sourcing Current at 4.5V
Saturated Output Sinking Current at 4.5V
Saturated Output Sourcing Current at 12V
Saturated Output Current Sinking at 12V
Application Information
LMP8480 AND LMP8481 INTRODUCTION
The LMP8480 and LMP8481 are single supply, high side current sense amplifiers with available fixed gains of
x20, x50, x60 and x100. The power supply range is 4.5V to 76V, while the common mode input voltage range is
capable of 4.0V to 76V operation. The supply voltage and common mode range are completely independent of
each other. This makes the LMP848x supply voltage extremely flexible, as the LMP848x's supply voltage can be
greater than, equal to, or less than the load source voltage, and allowing the device to be powered from the
system supply or the load supply voltage.
The amplifier supply voltage does not have to be larger than the load source voltage. A 76V load source voltage
with a 5V LMP8481 supply voltage is perfectly acceptable.
THEORY OF OPERATION
The LMP8480 and LMP8481 are comprised of two main stages. The first stage is a differential input current to
voltage converter, followed by a differential voltage amplifier and level-shifting output stage. Also present is an
internal 14 Volt Low Dropout Regulator (LDO) to power the amplifiers and output stage, as well as a reference
divider resistor string to allow the setting of the reference level.
As seen in Figure 7, the current flowing through RSENSE develops a voltage drop called VSENSE. The voltage
across the sense resistor, VSENSE, is then applied to the input RSP and RSN pins of the amplifier.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LMP8480 LMP8481


Similar Part No. - LMP8480

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8480 TI1-LMP8480 Datasheet
1Mb / 28P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8480 TI1-LMP8480 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
LMP8480-Q1 TI1-LMP8480-Q1 Datasheet
2Mb / 27P
[Old version datasheet]   Automotive, 76-V, High-Side, High-Speed, Current Sense Amplifier
LMP8480AHQDGKRQ1 TI1-LMP8480AHQDGKRQ1 Datasheet
2Mb / 27P
[Old version datasheet]   Automotive, 76-V, High-Side, High-Speed, Current Sense Amplifier
LMP8480ASQDGKRQ1 TI1-LMP8480ASQDGKRQ1 Datasheet
2Mb / 27P
[Old version datasheet]   Automotive, 76-V, High-Side, High-Speed, Current Sense Amplifier
More results

Similar Description - LMP8480

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
logo
Maxim Integrated Produc...
MAX4080 MAXIM-MAX4080_11 Datasheet
330Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
MAX4080 MAXIM-MAX4080 Datasheet
410Kb / 15P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02
MAX4080 MAXIM-MAX4080_08 Datasheet
398Kb / 16P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 1; 11/08
MAX4080 MAXIM-MAX4080_V01 Datasheet
1Mb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
2020
MAX4080 MAXIM-MAX4080_10 Datasheet
320Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 3; 5/10
logo
Texas Instruments
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010 Datasheet
508Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
Rev 2; 1/18
MAX40010 MAXIM-MAX40010_V01 Datasheet
528Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
2020
logo
Texas Instruments
LMP8480 TI-LMP8480_15 Datasheet
2Mb / 29P
[Old version datasheet]   LMP848x Precision 76-V High-Side Current Sense Amplifiers With Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com