Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6523 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6523
Description  High Performance Quad DVGA
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6523 Datasheet(HTML) 4 Page - Texas Instruments

  LMH6523 Datasheet HTML 1Page - Texas Instruments LMH6523 Datasheet HTML 2Page - Texas Instruments LMH6523 Datasheet HTML 3Page - Texas Instruments LMH6523 Datasheet HTML 4Page - Texas Instruments LMH6523 Datasheet HTML 5Page - Texas Instruments LMH6523 Datasheet HTML 6Page - Texas Instruments LMH6523 Datasheet HTML 7Page - Texas Instruments LMH6523 Datasheet HTML 8Page - Texas Instruments LMH6523 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LMH6523
SNOSC88 – DECEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS - 5V (continued)
The following specifications apply for single supply with V+ = 5V, Maximum Gain (0 Attenuation), RL = 200Ω, VOUT = 4VPPD,
fin = 200 MHz, High Power Mode, Boldface limits apply at temperature extremes.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f = 100 MHz, VOUT = 4 dBm per tone
–98
Third Order Intermodulation
IMD3
dBc
Products
f = 200 MHz, VOUT = 4 dBm per tone
–90
P1dB
1dB Compression Point
17
dBm
f = 100 MHz, VOUT =2 VPPD
–88
HD2
Second Order Harmonic Distortion
dBc
f = 200 MHz, VOUT =2 VPPD
–78
f = 100 MHz, VOUT =2 VPPD
–99
HD3
Third Order Harmonic Distortion
dBc
f = 200 MHz, VOUT =2 VPPD
–75
CMRR
Common Mode Rejection
Pin =
−15 dBm
–35
dBc
ANALOG I/O
RIN
Input Resistance
Differential, Measured at DC
97
VICM
Input Common Mode Voltage
Self Biased
2.5
V
Maximum Input Voltage Swing
Volts peak to peak, differential
5.5
VPPD
Maximum DIfferential Output
Differential, f < 10 MHz
10
VPPD
Voltage Swing
ROUT
Output Resistance
Differential, Measured at DC
20
XTLK
Channel to Channel Crosstalk
Maximum Gain, f = 200 MHz
–65
dBc
GAIN PARAMETERS
Maximum Voltage Gain
Attenuation code 00000
25.74
dB
Minimum Gain
Attenuation code 11111
–4.3
dB
Gain Steps
32
Gain Step Size
1
dB
Channel Matching
Gain error between channels
±0.15
dB
Any two adjacent steps over entire range
±0.5
Gain Step Error
dB
Any two adjacent steps, 0 dB attenuation to
±0.1
23 dB attenuation
Any two adjacent steps over entire range
±3
Gain Step Phase Shift
Degrees
Any two adjacent steps, 0dB attenuation to
±2
23 dB attenuation
Gain Step Switching Time
20
ns
Enable/ Disable Time
Settled to 90% level
200
ns
POWER REQUIREMENTS
ICC
Supply Current
465
485
mA
P
Power
2.3
2.43
W
IBIAS
Output Pin Bias Current
External inductor, no load, VOUT< 200 mV
36
mA
ICC
Disabled Supply Current
74
mA
ALL DIGITAL INPUTS EXCEPT ENABLES
Logic Compatibility
TTL, 2.5V CMOS, 3.3V CMOS, 5V CMOS
VIL
Logic Input Low Voltage
0
0.4
V
VIH
Logic Input High Voltage
2
5
V
IIH
Logic Input High Input Current
Digital Input Voltage = 2.0 V
–9
µA
IIL
Logic Input Low Input Current
Digital Input Voltage = 0.4 V
–47
µA
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LMH6523


Similar Part No. - LMH6523

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6523 TI-LMH6523_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Quad DVGA
More results

Similar Description - LMH6523

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6522 TI-LMH6522_15 Datasheet
1Mb / 34P
[Old version datasheet]   High Performance Quad DVGA
LMH6523 TI-LMH6523_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Quad DVGA
LMH6522 TI1-LMH6522 Datasheet
682Kb / 30P
[Old version datasheet]   High Performance Quad DVGA
LMH6521 TI1-LMH6521_14 Datasheet
1Mb / 28P
[Old version datasheet]   High Performance Dual DVGA
LMH6521 TI1-LMH6521 Datasheet
418Kb / 24P
[Old version datasheet]   LMH6521 High Performance Dual DVGA
LMH6521 TI-LMH6521_15 Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
LMH6521 TI1-LMH6521_16 Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
logo
Sanyo Semicon Device
LA6339 SANYO-LA6339_08 Datasheet
293Kb / 5P
   High-Performance Quad Comparator
LA6339 SANYO-LA6339 Datasheet
88Kb / 4P
   High-Performance Quad Comparator
logo
PLX Technology
OX16C954B PLX-OX16C954B Datasheet
192Kb / 2P
   High Performance Quad UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com