Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC16FP Datasheet(PDF) 7 Page - Analog Devices

Part # DAC16FP
Description  16-Bit High Speed Current-Output DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC16FP Datasheet(HTML) 7 Page - Analog Devices

Back Button DAC16FP Datasheet HTML 3Page - Analog Devices DAC16FP Datasheet HTML 4Page - Analog Devices DAC16FP Datasheet HTML 5Page - Analog Devices DAC16FP Datasheet HTML 6Page - Analog Devices DAC16FP Datasheet HTML 7Page - Analog Devices DAC16FP Datasheet HTML 8Page - Analog Devices DAC16FP Datasheet HTML 9Page - Analog Devices DAC16FP Datasheet HTML 10Page - Analog Devices DAC16FP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DAC16
REV. B
–7–
system, such as the DAC16, it is recommended that common
ground tie points be provided at each such device. If only one
system ground can be connected directly to the DAC16, it is
recommended that the analog common be used. If the system’s
AGND has suitable low impedance, then the digital signal cur-
rents flowing in it should not seriously affect the ground noise.
The amount of digital noise introduced by connecting the two
grounds together at the device will not adversely affect system
performance due to loss of digital noise immunity.
Generous bypassing of the DAC’s supplies goes a long way in
reducing supply-line induced errors. Even with well-filtered,
well-regulated supplies, local bypassing consisting of 10
µF tan-
talum electrolytic shunted by a 0.1
µF ceramic is recommended.
The decoupling capacitors should be connected between the
DAC’s supply pins (Pin 3 for +5 V, Pin 20 for –15 V) and
the analog ground (Pin 22). Figure 19 shows how the DGND,
AGND, and bypass connections should be made to the DAC16.
AGND
DGND
VEE
VCC
DB0 – DB15
+5V
0.1 F
10 F
0.1 F
10 F
DAC16
TO OTHER
ANALOG
CIRCUITS
TO
POWER
GROUND
–15V
IOUT
Figure 19. Recommended Grounding and Bypassing
Scheme for the DAC16
Using the Right Capacitors
Probably the most important external components associated
with high speed design are the capacitors used to bypass the
power supplies and to provide compensation. Both selection
and placement of these capacitors can be critical and, to a large
extent, dependent upon the specifics of the system configura-
tion. The dominant consideration in selection of bypass and
compensation capacitors for the DAC16 is minimization of se-
ries resistance and inductance. Many capacitors begin to look
inductive at 20 MHz and above—the very frequencies where re-
jection of interference is needed. Ceramic and film-type capaci-
tors generally feature lower series inductance than tantalum or
electrolytic types. A few general rules are of universal use when
approaching the issue of compensation or bypassing.
Bypass capacitors should be installed on the printed circuit
board with the shortest possible leads consistent with reliable
construction. This helps to minimize series inductance in the
leads. Chip capacitors are optimal in this respect. Where illus-
trated in the applications section, large tantalum electrolytic
capacitors are shunted by low self-inductance ceramic capaci-
tors. This technique reduces the self-resonance of the electrolytic
while shifting the resonant frequency of the ceramics out-of-band.
Some series inductance between the DAC supply pins and the
power supply plane often helps to filter out high frequency
power supply noise. This inductance can be generated using a
small ferrite bead as shown in Figure 20.
+5V
10 F
VCC
DAC16
AGND
0.1 F
FB
VEE
–15V
10 F
0.1 F
FB
Figure 20. Using a Ferrite Bead as a High Frequency Filter
Reference Amplifier Considerations
The reference input current buffer is a high performance ampli-
fier optimized for high accuracy and linearity. The design of the
reference amplifier ensures fast settling times by tightly control-
ling the node common to all the current sources internal to the
DAC with an external compensation capacitor (CCOMP). Since
the primary design goal of the DAC16 is to achieve 16-bit per-
formance, proper operation of the reference amplifier requires a
47
µF tantalum electrolytic capacitor shunted by a 0.1 µF
ceramic capacitor, as shown in Figure 21. Increasing the capaci-
tance at this node above the recommended values does not fur-
ther reduce the analog transition current noise spikes at the
output of the reference amplifier. Reducing the value of com-
pensation, however, is not recommended as DAC linearity will
degrade as a result. In most systems, the VEE supply offers suffi-
ciently low impedance to maintain a quiet return point for the
reference amplifier. If this is not the case, the AGND point can
also be used for the compensation capacitor return, as shown in
Figure 21.
AGND
VEE
CCOMP
0.1 F
47 F
DAC16
–15V
IOUT
Figure 21a. Recommended Compensation Scheme to VEE
AGND
CCOMP
0.1 F
47 F
DAC16
IOUT
Figure 21b. Recommended Compensation Scheme to AGND
In applications where 16-bit multiplying performance is
required, the DAC16 might appear to be a viable solution.
However, the compensation capacitor network would have to
be removed in these applications. The DAC16’s reference am-
plifier was specifically designed for low frequency operation,
with a compensation capacitor network. In fact, this network
serves not only as a charge reservoir for the DAC’s internal
current sources but also as a wideband noise filter for the


Similar Part No. - DAC16FP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC1600 BURR-BROWN-DAC1600 Datasheet
250Kb / 6P
   MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
DAC1600JP-V BURR-BROWN-DAC1600JP-V Datasheet
250Kb / 6P
   MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
DAC1600KP-V BURR-BROWN-DAC1600KP-V Datasheet
250Kb / 6P
   MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
logo
Integrated Device Techn...
DAC1617D1G0 IDT-DAC1617D1G0 Datasheet
1Mb / 78P
   Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
logo
Renesas Technology Corp
DAC1617D1G0 RENESAS-DAC1617D1G0 Datasheet
857Kb / 78P
   Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
12 December 2012
More results

Similar Description - DAC16FP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC16 AD-DAC16_15 Datasheet
629Kb / 12P
   16-Bit High Speed Current-Output DAC
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
AD5758 AD-AD5758 Datasheet
2Mb / 72P
   Single-Channel, 16-Bit Current and Voltage Output DAC
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
   16-Channel, 16-Bit Voltage Output SoftSpan DAC
logo
Maxim Integrated Produc...
MAX5018 MAXIM-MAX5018 Datasheet
142Kb / 12P
   8-Bit, High-Speed DAC
Rev 0; 3/97
logo
Analog Devices
ADFS5758 AD-ADFS5758 Datasheet
2Mb / 75P
   Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
logo
Maxim Integrated Produc...
MAX5548 MAXIM-MAX5548 Datasheet
296Kb / 15P
   Dual, 8-Bit, Programmable, 30mA High-Output-Current DAC
Rev 0; 10/05
logo
Analog Devices
AD5422 AD-AD5422 Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com