Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL95820EVAL1Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL95820EVAL1Z
Description  Green Hybrid Digital Four Phase PWM Controller for Intel VR12.5 CPUs
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95820EVAL1Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISL95820EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL95820EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL95820EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL95820EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL95820EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL95820EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL95820EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL95820EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL95820EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
ISL95820
5
FN8318.0
February 4, 2013
26
LGATE2
Output of Phase 2 low-side MOSFET gate driver. Connect the LGATE2 pin to the gate of Phase 2 low-side MOSFET.
27
LGATE3
Output of Phase 3 low-side MOSFET gate driver. Connect the LGATE3 pin to the gate of Phase 3 low-side MOSFET.
28
PHASE3
Current return path for Phase 3 high-side MOSFET gate driver. Connect the PHASE3 pin to the node consisting of the
high-side MOSFET source, the low-side MOSFET drain, and the output inductor of Phase 3.
29
UGATE3
Output of Phase 3 high-side MOSFET gate driver. Connect the UGATE3 pin to the gate of Phase 3 high-side MOSFET.
30
BOOT3
Phase 3 internal gate driver high-side MOSFET bootstrap capacitor connection. Connect an MLCC capacitor between the
BOOT3 and the PHASE3 pins. The boot capacitor is charged through an internal boot diode connected from the VCCP pin
to the BOOT3 pin, each time the PHASE3 pin drops below VCCP minus the voltage dropped across the internal boot diode.
31
PWM4
PWM output for Phase 4. Phase 4 requires an external gate driver device. The Intersil ISL6625A driver is recommended.
32
VIN
Input supply voltage, used for feed-forward. Connect this pin to the input voltage of the output drive stages.
33
PROG3
A resistor from the PROG3 pin to GND programs the internal modulator slope compensation and switching frequency.
34
PROG2
A resistor from the PROG2 pin to GND programs the initial power-up voltage (VBOOT), enables/disables the DC loadline
(droop) function, and enables/disables diode emulation mode (DEM) in Power States 2 and 3 (PS2 and PS3).
35
PROG1
A resistor from PROG1 pin to GND programs IMAX, the designed nominal maximum load current of the VR. The value of
IMAX establishes the scaling of the reported VR output current, which can be read via the SVID or PMBus interfaces. The
PROG1 resistor is chosen such that the reported IMAX current is FFh when the output current is equal to the maximum
load current.
36, 37
I2DATA, I2CLK Interface of SMBus/PMBus/I2C. Tie to VCC with 4.7k
Ω pull-up resistor when not used.
38, 39, 40
SDA,
ALERT#, SCLK,
SVID communication bus between the CPU and the VR.
Pin Descriptions (Continued)
PIN #
SYMBOL
DESCRIPTION


Similar Part No. - ISL95820EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95820 RENESAS-ISL95820 Datasheet
181Kb / 2P
   Green Hybrid Digital Four Phase PWM Controller for Intel VR12.5™ CPUs
October 15, 2013
More results

Similar Description - ISL95820EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95820 RENESAS-ISL95820 Datasheet
181Kb / 2P
   Green Hybrid Digital Four Phase PWM Controller for Intel VR12.5™ CPUs
October 15, 2013
ISL95821 RENESAS-ISL95821 Datasheet
185Kb / 2P
   Three Phase PWM Controller for Intel VR12.5??CPUs
ISL95816 RENESAS-ISL95816 Datasheet
193Kb / 2P
   4-Phase PWM Controller for VR12.5 CPUs
ISL95816A RENESAS-ISL95816A Datasheet
194Kb / 2P
   4-Phase PWM Controller for VR12.5 and VR12.6 CPUs
ISL95825 RENESAS-ISL95825 Datasheet
194Kb / 2P
   Three Phases PWM Controller for VR12.5/VR12.6 CPUs
ISL95822 RENESAS-ISL95822 Datasheet
185Kb / 2P
   Dual-Phase PWM Regulator for VR12.5 and VR12.6 CPUs
logo
Monolithic Power System...
MP2935 MPS-MP2935 Datasheet
1Mb / 42P
   4-Phase PWM Controller for VR12.5 Applications
logo
Renesas Technology Corp
ISL95812 RENESAS-ISL95812 Datasheet
178Kb / 2P
   Multiphase PWM Regulator for VR12.5, VR12.6 and VR12.6 CPUs
March 5, 2013
logo
uPI Group Inc.
UP1651Q UPI-UP1651Q Datasheet
277Kb / 21P
   2/1-Phase PWM Controller with SVID for VR12.5
logo
Intersil Corporation
ISL6367H INTERSIL-ISL6367H Datasheet
131Kb / 2P
   Green Hybrid Digital Dual 6-Phase 1 Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com