Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB927Q Datasheet(PDF) 6 Page - Texas Instruments

Part # DS90UB927Q
Description  5MHz - 85MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90UB927Q Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS90UB927Q Datasheet HTML 2Page - Texas Instruments DS90UB927Q Datasheet HTML 3Page - Texas Instruments DS90UB927Q Datasheet HTML 4Page - Texas Instruments DS90UB927Q Datasheet HTML 5Page - Texas Instruments DS90UB927Q Datasheet HTML 6Page - Texas Instruments DS90UB927Q Datasheet HTML 7Page - Texas Instruments DS90UB927Q Datasheet HTML 8Page - Texas Instruments DS90UB927Q Datasheet HTML 9Page - Texas Instruments DS90UB927Q Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
DS90UB927-Q1, DS90UB927Q, DS90UB927Q-Q1
SNLS416B – JUNE 2012
www.ti.com
Absolute Maximum Ratings
(1)
Parameter
DS90UB927Q
Unit
Supply Voltage – VDD33
(2)
−0.3 to +4.0
V
Supply Voltage – VDDIO
(2)
−0.3 to +4.0
V
LVCMOS I/O Voltage
−0.3 to (VDDIO + 0.3)
V
Serializer Output Voltage
−0.3 to +2.75
V
Junction Temperature
+150
°C
Storage Temperature
−65 to +150
°C
40 LLP Package Maximum Power Dissipation Capacity at 25°C
Derate above 25°C
1/
θJA
°C/W
θJA
28.0
°C/W
θJC
4.4
°C/W
ESD Rating (IEC, powered-up only), RD = 330Ω, CS = 150pF
Air Discharge
(DOUT+, DOUT−)
≥±15
kV
Contact Discharge
(DOUT+, DOUT−)
≥±8
kV
ESD Rating (ISO10605), RD = 330Ω, CS = 150pF
Air Discharge
(DOUT+, DOUT−)
≥±15
kV
Contact Discharge
(DOUT+, DOUT−)
≥±8
kV
ESD Rating (ISO10605), RD = 2kΩ, CS = 150pF or 330pF
Air Discharge
(DOUT+, DOUT−)
≥±15
kV
Contact Discharge
(DOUT+, DOUT−)
≥±8
kV
ESD Rating (HBM)
≥±8
kV
ESD Rating (CDM)
≥±1.25
kV
ESD Rating (MM)
≥±250
V
For soldering specifications:
see product folder at www.ti.com and
www.ti.com/lit/an/snoa549c/snoa549c.pdf
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions.
(2)
The DS90UB927Q VDD33 and VDDIO voltages require a specific ramp rate during power up. The power supply ramp time must be less
than 1.5ms with a monotonic rise
Recommended Operating Conditions
Parameter
Min
Nom
Max
Units
Supply Voltage (VDD33)
3.0
3.3
3.6
V
LVCMOS Supply Voltage (VDDIO) Note: VDDIO < VDD33+0.3V
3.0
3.3
3.6
V
OR
LVCMOS Supply Voltage (VDDIO)
1.71
1.8
1.89
V
Operating Free Air
Temperature (TA)
−40
+25
+105
°C
PCLK Frequency
5
85
MHz
Supply Noise ((1))
100
mVP-P
(1)
Supply noise testing was done with minimum capacitors on the PCB. A sinusoidal signal is AC coupled to the VDD33 and VDDIOsupplies
with amplitude = 100 mVp-p measured at the device VDD33 and VDDIO pins. Bit error rate testing of input to the Ser and output of the
Des with 10 meter cable shows no error when the noise frequency on the Ser is less than 50MHz. The Des on the other hand shows no
error when the noise frequency is less than 50 MHz.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: DS90UB927-Q1 DS90UB927Q DS90UB927Q-Q1


Similar Part No. - DS90UB927Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB921-Q1 TI1-DS90UB921-Q1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB921TRHSRQ1 TI1-DS90UB921TRHSRQ1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB921TRHSTQ1 TI1-DS90UB921TRHSTQ1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB924-Q1 TI1-DS90UB924-Q1 Datasheet
898Kb / 62P
[Old version datasheet]   5-MHz to 96-MHz 24-bit Color FPD-Link III to OpenLDI Deserializer With Bidirectional Control Channel
DS90UB924TRHSRQ1 TI1-DS90UB924TRHSRQ1 Datasheet
898Kb / 62P
[Old version datasheet]   5-MHz to 96-MHz 24-bit Color FPD-Link III to OpenLDI Deserializer With Bidirectional Control Channel
More results

Similar Description - DS90UB927Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH927Q TI-DS90UH927Q Datasheet
1Mb / 59P
[Old version datasheet]   5MHz - 85MHz 24-bit Color FPD-Link III Serializer with HDCP
DS90UB925Q TI1-DS90UB925Q Datasheet
699Kb / 41P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB921-Q1 TI1-DS90UB921-Q1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB925Q-Q1 TI1-DS90UB925Q-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   5 to 85 MHz 24-Bit Color FPD-Link III Serializer With Bidirectional Control Channel
DS90UH925AQ-Q1 TI1-DS90UH925AQ-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925Q TI1-DS90UH925Q Datasheet
822Kb / 47P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925Q-Q1 TI1-DS90UH925Q-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UB903Q TI1-DS90UB903Q_15 Datasheet
1Mb / 47P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901Q TI1-DS90UB901Q_15 Datasheet
1Mb / 50P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901Q TI1-DS90UB901Q Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com