Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC16 Datasheet(PDF) 9 Page - Analog Devices

Part # DAC16
Description  16-Bit High Speed Current-Output DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC16 Datasheet(HTML) 9 Page - Analog Devices

Back Button DAC16 Datasheet HTML 4Page - Analog Devices DAC16 Datasheet HTML 5Page - Analog Devices DAC16 Datasheet HTML 6Page - Analog Devices DAC16 Datasheet HTML 7Page - Analog Devices DAC16 Datasheet HTML 8Page - Analog Devices DAC16 Datasheet HTML 9Page - Analog Devices DAC16 Datasheet HTML 10Page - Analog Devices DAC16 Datasheet HTML 11Page - Analog Devices DAC16 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DAC16
REV. B
–9–
Table IV. Bipolar Output Operation vs. Digital Input Code
Digital Input
Decimal Number in
Analog Output
Word (Hex)
DAC Decoder
Voltage (V)
0000
65,535
4.999848
7FFE
32,769
152E-6
7FFF
32,768
0
8000
32,767
–152E-6
FFFF
0
–5.00000
74AC11377
REF GND
R1
5k
IREF
+15V
0.1 F
REF02
22 F
R2
5k
DAC16
CCOMP
47 F
IOUT
AGND
100nF
CERAMIC
–15V
10 F
0.1 F
+5V
DIGITAL +5V
PIN 3, DAC16
OP97A
10 F
0.1 F
+15V
10 F
0.1 F
–15V
VOUT
0V TO +10V FS
10 F
0.1 F
–15V
R3
2.5k
(5k
2)
88
CLK
EN
74AC11377
DB0 – DB7
DB8 – DB15
DIGITAL INPUT WORD
RESISTORS:
CADDOCK T912–5K–010–02 (OR EQUIVALENT)
5k , 0.01%, TC TRACK = 2 ppm/ C
Figure 24. Unipolar Circuit Configuration
VOUT
5V FS
74AC11377
REF GND
R1
5k
IREF
+15
V
0.1 F
REF02
22 F
R2
5k
DAC16
CCOMP
47 F
IOUT
AGND
100nF
CERAMIC
–15V
10 F
0.1 F
+5V
DIGITAL +5V
PIN 3, DAC16
OP97A
10 F
0.1 F
+15V
10 F
0.1 F
–15V
10 F
0.1 F
–15V
R3
2.5k
(5k
2)
88
CLK
EN
74AC11377
DB0 – DB7
DB8 – DB15
DIGITAL INPUT WORD
RESISTORS:
CADDOCK T912–5K–010–02 (OR EQUIVALENT)
5k
, 0.01%, TC TRACK = 2 ppm/ C
R4
2.5k
(5k
2)
+5VREF
+5VREF
Figure 25. Bipolar Circuit Configuration
Bipolar Configuration
For applications that require a bipolar output voltage, the circuit
in Figure 24 can be modified slightly by adding a resistor from
the reference to the inverting sum node of the output amplifier
to level shift the output signal. The transfer equation for the cir-
cuit now becomes:
V
O = R 4 × 8 × IREF
65,535 –
Digital Code
65,536
V
REF ×
R4
R3


The circuit has the form shown in Figure 25, and Table IV pro-
vides the relationship between the digital input code and the
circuit’s output voltage for the component values shown.


Similar Part No. - DAC16

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC1600 BURR-BROWN-DAC1600 Datasheet
250Kb / 6P
   MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
DAC1600JP-V BURR-BROWN-DAC1600JP-V Datasheet
250Kb / 6P
   MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
DAC1600KP-V BURR-BROWN-DAC1600KP-V Datasheet
250Kb / 6P
   MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
logo
Integrated Device Techn...
DAC1617D1G0 IDT-DAC1617D1G0 Datasheet
1Mb / 78P
   Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
logo
Renesas Technology Corp
DAC1617D1G0 RENESAS-DAC1617D1G0 Datasheet
857Kb / 78P
   Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
12 December 2012
More results

Similar Description - DAC16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC16 AD-DAC16_15 Datasheet
629Kb / 12P
   16-Bit High Speed Current-Output DAC
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
AD5758 AD-AD5758 Datasheet
2Mb / 72P
   Single-Channel, 16-Bit Current and Voltage Output DAC
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
   16-Channel, 16-Bit Voltage Output SoftSpan DAC
logo
Maxim Integrated Produc...
MAX5018 MAXIM-MAX5018 Datasheet
142Kb / 12P
   8-Bit, High-Speed DAC
Rev 0; 3/97
logo
Analog Devices
ADFS5758 AD-ADFS5758 Datasheet
2Mb / 75P
   Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
logo
Maxim Integrated Produc...
MAX5548 MAXIM-MAX5548 Datasheet
296Kb / 15P
   Dual, 8-Bit, Programmable, 30mA High-Output-Current DAC
Rev 0; 10/05
logo
Analog Devices
AD5422 AD-AD5422 Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com