Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB927-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # DS90UB927-Q1
Description  5MHz - 85MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90UB927-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS90UB927-Q1 Datasheet HTML 7Page - Texas Instruments DS90UB927-Q1 Datasheet HTML 8Page - Texas Instruments DS90UB927-Q1 Datasheet HTML 9Page - Texas Instruments DS90UB927-Q1 Datasheet HTML 10Page - Texas Instruments DS90UB927-Q1 Datasheet HTML 11Page - Texas Instruments DS90UB927-Q1 Datasheet HTML 12Page - Texas Instruments DS90UB927-Q1 Datasheet HTML 13Page - Texas Instruments DS90UB927-Q1 Datasheet HTML 14Page - Texas Instruments DS90UB927-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
DS90UB927-Q1, DS90UB927Q, DS90UB927Q-Q1
www.ti.com
SNLS416B – JUNE 2012
Recommended Timing for the Serial Control Bus
Over 3.3V supply and temperature ranges unless otherwise specified.
(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fSCL
Standard Mode
0
100
kHz
SCL Clock Frequency
Fast Mode
0
400
kHz
tLOW
Standard Mode
4.7
µs
SCL Low Period
Fast Mode
1.3
µs
tHIGH
Standard Mode
4.0
µs
SCL High Period
Fast Mode
0.6
µs
tHD;STA
Hold time for a start or a
Standard Mode
4.0
µs
repeated start condition
Fast Mode
0.6
µs
Figure 11
tSU:STA
Set Up time for a start or a
Standard Mode
4.7
µs
repeated start condition
Fast Mode
0.6
µs
Figure 11
tHD;DAT
Standard Mode
0
3.45
µs
Data Hold Time
Figure 11
Fast Mode
0
0.9
µs
tSU;DAT
Standard Mode
250
ns
Data Set Up Time
Figure 11
Fast Mode
100
ns
tSU;STO
Set Up Time for STOP
Standard Mode
4.0
µs
Condition
Fast Mode
0.6
µs
Figure 11
Bus Free Time
Standard Mode
4.7
µs
tBUF
Between STOP and START
Fast Mode
1.3
µs
Figure 11
Standard Mode
1000
ns
SCL & SDA Rise Time,
tr
Figure 11
Fast Mode
300
ns
Standard Mode
300
ns
SCL & SDA Fall Time,
tf
Figure 11
Fast mode
300
ns
(1)
The Electrical Characteristics tables list guaranteed specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not guaranteed.
(2)
Typical values represent most likely parametric norms at VDD33 = 3.3V, VDDIO = 1.8V or 3.3V, Ta = +25 degC, and at the Recommended
Operation Conditions at the time of product characterization and are not guaranteed.
(3)
Current into device pins is defined as positive. Current out of a device pin is defined as negative. Voltages are referenced to ground
except VOD and ΔVOD, which are differential voltages.Supply noise testing was done with minimum capacitors on the PCB. A sinusoidal
signal is AC coupled to the supply pins with amplitude = 100 mVp-p measured at the device VDD33 and VDDIO pins. Bit error rate testing
of input to the serializer and output of the deserializer with 10 meter cable shows no error when the noise frequency is less than 50MHz.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DS90UB927-Q1 DS90UB927Q DS90UB927Q-Q1


Similar Part No. - DS90UB927-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB921-Q1 TI1-DS90UB921-Q1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB921TRHSRQ1 TI1-DS90UB921TRHSRQ1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB921TRHSTQ1 TI1-DS90UB921TRHSTQ1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB924-Q1 TI1-DS90UB924-Q1 Datasheet
898Kb / 62P
[Old version datasheet]   5-MHz to 96-MHz 24-bit Color FPD-Link III to OpenLDI Deserializer With Bidirectional Control Channel
DS90UB924TRHSRQ1 TI1-DS90UB924TRHSRQ1 Datasheet
898Kb / 62P
[Old version datasheet]   5-MHz to 96-MHz 24-bit Color FPD-Link III to OpenLDI Deserializer With Bidirectional Control Channel
More results

Similar Description - DS90UB927-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH927Q TI-DS90UH927Q Datasheet
1Mb / 59P
[Old version datasheet]   5MHz - 85MHz 24-bit Color FPD-Link III Serializer with HDCP
DS90UB925Q TI1-DS90UB925Q Datasheet
699Kb / 41P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB921-Q1 TI1-DS90UB921-Q1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB925Q-Q1 TI1-DS90UB925Q-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   5 to 85 MHz 24-Bit Color FPD-Link III Serializer With Bidirectional Control Channel
DS90UH925AQ-Q1 TI1-DS90UH925AQ-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925Q TI1-DS90UH925Q Datasheet
822Kb / 47P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925Q-Q1 TI1-DS90UH925Q-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UB903Q TI1-DS90UB903Q_15 Datasheet
1Mb / 47P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901Q TI1-DS90UB901Q_15 Datasheet
1Mb / 50P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901Q TI1-DS90UB901Q Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com