Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV777DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV777DR
Description  7- bit Integrated Motor and Relay Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV777DR Datasheet(HTML) 2 Page - Texas Instruments

  DRV777DR Datasheet HTML 1Page - Texas Instruments DRV777DR Datasheet HTML 2Page - Texas Instruments DRV777DR Datasheet HTML 3Page - Texas Instruments DRV777DR Datasheet HTML 4Page - Texas Instruments DRV777DR Datasheet HTML 5Page - Texas Instruments DRV777DR Datasheet HTML 6Page - Texas Instruments DRV777DR Datasheet HTML 7Page - Texas Instruments DRV777DR Datasheet HTML 8Page - Texas Instruments DRV777DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
INX
ESD
ESD
OUTX
RIN=3kQ
Pull-down
300kQ
CIN= 9pF
COM
NFET
RC Filter/Snubber
IN1
IN2
IN3
IN4
IN5
IN6
IN7
GND
OUT2
OUT3
OUT5
OUT6
OUT7
COM
OUT1
OUT4
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
16-Pin
SOIC/TSSOP
DRV777
SLRS062 – DECEMBER 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TJ
PART NUMBER
PACKAGE
TOP-SIDE MARKING
DRV777DR
16-Pin SOIC
Reel of 2500
DRV777
–40°C to 125°C
DRV777PWR
16-Pin TSSOP
Reel of 2000
DRV777
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
DEVICE INFORMATION
Figure 1. DRV777 PINOUT
Figure 2. Channel Block Diagram
DRV777 PIN DESCRIPTION
NAME
PIN NUMBER
DESCRIPTION
16-SOIC
16-TSSOP
IN1 – IN7
1–7
1–7
Logic Input Pins IN1 through IN7
GND
8
8
Ground Reference Pin
COM
9
9
Internal Free-Wheeling Diode Common Cathode Pin
OUT7 – OUT1
10–16
10–16
Channel Output Pins OUT7 through OUT1
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: DRV777


Similar Part No. - DRV777DR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV101 BURR-BROWN-DRV101 Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV101 TI1-DRV101 Datasheet
1,005Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
Burr-Brown (TI)
DRV101F BURR-BROWN-DRV101F Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV101F TI1-DRV101F Datasheet
1,005Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
DRV101F/500 TI1-DRV101F/500 Datasheet
1,005Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
More results

Similar Description - DRV777DR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN61D8LVTQ DIODES-DMN61D8LVTQ_16 Datasheet
349Kb / 7P
   INTEGRATED RELAY AND INDUCTIVE LOAD DRIVER
logo
Fairchild Semiconductor
FAN8037 FAIRCHILD-FAN8037 Datasheet
385Kb / 23P
   7-CH Motor Driver
logo
Texas Instruments
ULN2003LV TI1-ULN2003LV Datasheet
1Mb / 19P
[Old version datasheet]   7-Channel Relay and Inductive Load Sink Driver
ULN2003V12 TI1-ULN2003V12 Datasheet
1Mb / 18P
[Old version datasheet]   7-Channel Relay and Inductive Load Sink Driver
logo
NTE Electronics
NTE7082 NTE-NTE7082 Datasheet
21Kb / 3P
   Integrated Circuit Stepper Motor Driver
NTE1748 NTE-NTE1748 Datasheet
59Kb / 3P
   Integrated Circuit DC Motor Driver
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
   Integrated Circuit Stepper Motor Driver
logo
STMicroelectronics
L6208 STMICROELECTRONICS-L6208 Datasheet
453Kb / 27P
   FULLY INTEGRATED STEPPER MOTOR DRIVER
logo
NTE Electronics
NTE1766 NTE-NTE1766 Datasheet
22Kb / 2P
   Integrated Circuit Reversible Motor Driver
logo
ON Semiconductor
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
   Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com