Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV777DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DRV777DR
Description  7- bit Integrated Motor and Relay Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV777DR Datasheet(HTML) 5 Page - Texas Instruments

  DRV777DR Datasheet HTML 1Page - Texas Instruments DRV777DR Datasheet HTML 2Page - Texas Instruments DRV777DR Datasheet HTML 3Page - Texas Instruments DRV777DR Datasheet HTML 4Page - Texas Instruments DRV777DR Datasheet HTML 5Page - Texas Instruments DRV777DR Datasheet HTML 6Page - Texas Instruments DRV777DR Datasheet HTML 7Page - Texas Instruments DRV777DR Datasheet HTML 8Page - Texas Instruments DRV777DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
(
)
J(MAX)
A
(MAX)
JA
T
T
PD
-
=
q
N
D
OLi
Li
i 1
P
V
I
=
=
´
å
DRV777
www.ti.com
SLRS062 – DECEMBER 2012
APPLICATION INFORMATION
TTL and other Logic Inputs
DRV777 input interface is specified for standard 1.8V, 3V and 5V CMOS logic interface. Refer to Figure 8 and
Figure 9 to establish VOL and the corresponding typical load current levels for various input voltage ranges.
Application Information section shows an implementation to drive 1.8V relays using DRV777.
Input RC Snubber
DRV777 features an input RC snubber that helps prevent spurious switching in noisy environment. Connect an
external 1k
Ω to 5kΩ resistor in series with the input to further enhance DRV777’s noise tolerance.
High-impedance Input Drivers
DRV777 features a 300k
Ω input pull-down resistor. The presence of this resistor allows the input drivers to be tri-
stated. When a high-impedance driver is connected to a channel input the DRV777 detects the channel input as
a low level input and remains in the OFF position. The input RC snubber helps improve noise tolerance when
input drivers are in the high-impedance state.
On-chip Power Dissipation
Use the below equation to calculate DRV777 on-chip power dissipation PD:
Where:
N is the number of channels active together.
VOLi is the OUTi pin voltage for the load current ILi.
(1)
Thermal Reliability
It is recommended to limit DRV777 IC’s die junction temperature to less than 125°C. The IC junction temperature
is directly proportional to the on-chip power dissipation. Use the following equation to calculate the maximum
allowable on-chip power dissipation for a target IC junction temperature:
Where:
TJ(MAX) is the target maximum junction temperature.
TA is the operating ambient temperature.
θJA is the package junction to ambient thermal resistance.
(2)
Improving Package Thermal Performance
The package
θJA value under standard conditions on a High-K board is listed in the DISSIPATION RATINGS. θJA
value depends on the PC board layout. An external heat sink and/or a cooling mechanism, like a cold air fan, can
help reduce
θJA and thus improve device thermal capabilities. Refer to TI’s design support web page at
www.ti.com/thermal for a general guidance on improving device thermal performance.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DRV777


Similar Part No. - DRV777DR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV101 BURR-BROWN-DRV101 Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV101 TI1-DRV101 Datasheet
1,005Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
Burr-Brown (TI)
DRV101F BURR-BROWN-DRV101F Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV101F TI1-DRV101F Datasheet
1,005Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
DRV101F/500 TI1-DRV101F/500 Datasheet
1,005Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
More results

Similar Description - DRV777DR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN61D8LVTQ DIODES-DMN61D8LVTQ_16 Datasheet
349Kb / 7P
   INTEGRATED RELAY AND INDUCTIVE LOAD DRIVER
logo
Fairchild Semiconductor
FAN8037 FAIRCHILD-FAN8037 Datasheet
385Kb / 23P
   7-CH Motor Driver
logo
Texas Instruments
ULN2003LV TI1-ULN2003LV Datasheet
1Mb / 19P
[Old version datasheet]   7-Channel Relay and Inductive Load Sink Driver
ULN2003V12 TI1-ULN2003V12 Datasheet
1Mb / 18P
[Old version datasheet]   7-Channel Relay and Inductive Load Sink Driver
logo
NTE Electronics
NTE7082 NTE-NTE7082 Datasheet
21Kb / 3P
   Integrated Circuit Stepper Motor Driver
NTE1748 NTE-NTE1748 Datasheet
59Kb / 3P
   Integrated Circuit DC Motor Driver
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
   Integrated Circuit Stepper Motor Driver
logo
STMicroelectronics
L6208 STMICROELECTRONICS-L6208 Datasheet
453Kb / 27P
   FULLY INTEGRATED STEPPER MOTOR DRIVER
logo
NTE Electronics
NTE1766 NTE-NTE1766 Datasheet
22Kb / 2P
   Integrated Circuit Reversible Motor Driver
logo
ON Semiconductor
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
   Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com