Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD2835LT1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMBD2835LT1
Description  Monolithic Dual Switching Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBD2835LT1 Datasheet(HTML) 2 Page - Motorola, Inc

  MMBD2835LT1 Datasheet HTML 1Page - Motorola, Inc MMBD2835LT1 Datasheet HTML 2Page - Motorola, Inc MMBD2835LT1 Datasheet HTML 3Page - Motorola, Inc MMBD2835LT1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBD2835LT1 MMBD2836LT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2.0 k
820
0.1
µF
DUT
VR
100
µH
0.1
µF
50
Ω OUTPUT
PULSE
GENERATOR
50
Ω INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1.0 mA
OUTPUT PULSE
(IF = IR = 10 mA; MEASURED
at iR(REC) = 1.0 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit
CURVES APPLICABLE TO EACH CATHODE
Figure 2. Forward Voltage
VF, FORWARD VOLTAGE (VOLTS)
1.0
10
100
0.1
Figure 3. Leakage Current
VR, REVERSE VOLTAGE (VOLTS)
10
0
1.0
0.1
0.001
0.01
10
20
30
40
50
1.0
1.2
0.2
0.4
0.6
0.8
Figure 4. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
0
1.75
1.50
1.25
0.75
1.00
2.0
4.0
6.0
8.0
TA = 85°C
TA = –40°C
TA = 25°C
TA = 25°C
TA = 55°C
TA = 85°C
TA = 150°C
TA = 125°C


Similar Part No. - MMBD2835LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD2835LT1 ONSEMI-MMBD2835LT1 Datasheet
46Kb / 4P
   Monolithic Dual Switching Diodes
November, 2001 ??Rev. 3
logo
Leshan Radio Company
MMBD2835LT1 LRC-MMBD2835LT1 Datasheet
54Kb / 2P
   Monolithic Dual Switching Diodes
logo
ON Semiconductor
MMBD2835LT1 ONSEMI-MMBD2835LT1 Datasheet
52Kb / 4P
   Monolithic Dual Switching Diodes
June, 2005 ??Rev. 4
MMBD2835LT1G ONSEMI-MMBD2835LT1G Datasheet
52Kb / 4P
   Monolithic Dual Switching Diodes
June, 2005 ??Rev. 4
MMBD2835LT1G ONSEMI-MMBD2835LT1G Datasheet
128Kb / 4P
   Monolithic Dual Switching Diodes
August, 2009 ??Rev. 5
More results

Similar Description - MMBD2835LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBD2837LT1 LRC-MMBD2837LT1 Datasheet
54Kb / 2P
   Monolithic Dual Switching Diodes
logo
ON Semiconductor
MMBD2837LT1G ONSEMI-MMBD2837LT1G_09 Datasheet
127Kb / 4P
   Monolithic Dual Switching Diodes
August, 2009 ??Rev. 6
logo
Leshan Radio Company
LMBD2837LT1 LRC-LMBD2837LT1 Datasheet
114Kb / 3P
   Monolithic Dual Switching Diodes
logo
ON Semiconductor
MMBD2837LT1G ONSEMI-MMBD2837LT1G Datasheet
132Kb / 4P
   Monolithic Dual Switching Diodes
October, 2016 ??Rev. 8
logo
Leshan Radio Company
MMBD2835LT1 LRC-MMBD2835LT1 Datasheet
54Kb / 2P
   Monolithic Dual Switching Diodes
logo
ON Semiconductor
MMBD2837LT1 ONSEMI-MMBD2837LT1 Datasheet
49Kb / 4P
   Monolithic Dual Switching Diodes
March, 2005 ??Rev. 5
logo
Motorola, Inc
MMBD6100LT1 MOTOROLA-MMBD6100LT1 Datasheet
78Kb / 4P
   Monolithic Dual Switching Diodes
logo
ON Semiconductor
MMBD2835LT1 ONSEMI-MMBD2835LT1 Datasheet
46Kb / 4P
   Monolithic Dual Switching Diodes
November, 2001 ??Rev. 3
MMBD2835LT1G ONSEMI-MMBD2835LT1G_09 Datasheet
128Kb / 4P
   Monolithic Dual Switching Diodes
August, 2009 ??Rev. 5
logo
Zowie Technology Corpor...
MMBD2837G ZOWIE-MMBD2837G Datasheet
74Kb / 2P
   Monolithic Dual Switching Diodes
logo
Leshan Radio Company
MMBD6100LT1 LRC-MMBD6100LT1 Datasheet
54Kb / 2P
   Monolithic Dual Switching Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com