Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9014 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9014
Description  Precision SMA Male to SMA Female Bulkhead Adapter 18 Ghz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9014 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9014 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9014 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9014 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male to SMA Female Bulkhead Adapter 18 Ghz
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348A
Connector 2
SMA Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348A
Adapter Design
Precision
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 18
Maximum VSWR
1.23:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
0.92 [23.37]
Width/Dia., in [mm]
0.375 [9.53]
.
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
50µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size, in
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
50µ in. minimum
Body Material and Plating
Brass, Nickel
Precision SMA Male to SMA Female Bulkhead Adapter 18 Ghz.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision SMA Male to SMA Female Bulkhead Adapter 18 Ghz. PE9014
PE9014
PE9014 REV


Similar Part No. - PE9014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9011 PASTERNACK-PE9011 Datasheet
236Kb / 2P
   Double Binding Post to 50 Ohm BNC Male Adapter
PE9013 PASTERNACK-PE9013 Datasheet
79Kb / 1P
   BNC FEMALE TO BINDING POSTS
PE9015 PASTERNACK-PE9015 Datasheet
237Kb / 3P
   50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
More results

Similar Description - PE9014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9695 PASTERNACK-PE9695 Datasheet
368Kb / 4P
   Precision SMA Female to SMA Female Adapter, 18 Ghz
PE9694 PASTERNACK-PE9694 Datasheet
369Kb / 4P
   Precision SMA Male to SMA Female Adapter Max. Freq. 18 GHz
PE9513 PASTERNACK-PE9513 Datasheet
257Kb / 3P
   Precision SMA Male to SMP Female Adapter 18 Ghz.
PE9512 PASTERNACK-PE9512 Datasheet
257Kb / 3P
   Precision SMA Female to SMP Male Adapter 18 Ghz.
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
   Precision SMA Female to SMA Female Bulkhead Adapter
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
   Precision SMA Female to SMA Female Bulkhead Adapter
PE9621 PASTERNACK-PE9621 Datasheet
358Kb / 4P
   SMA Male to SMA Female Bulkhead Adapter
PE9488 PASTERNACK-PE9488 Datasheet
83Kb / 1P
   N FEMALE TO SMA MALE BULKHEAD PRECISION ADAPTER
PE9487 PASTERNACK-PE9487 Datasheet
259Kb / 2P
   Precision SMA Male to N Female Bulkhead Adapter
PE35475 PASTERNACK-PE35475 Datasheet
231Kb / 3P
   SMA Male to SMA Female Bulkhead Precision
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com