Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9006 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9006
Description  N Female to N Female Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9006 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9006 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9006 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9006 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-female-n-female-straight-adapter-pe9006-p.aspx
N Female to N Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
N Female to N Female Adapter
PE9006
PE9006 REV


Similar Part No. - PE9006

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9006 PASTERNACK-PE9006 Datasheet
474Kb / 3P
   N Female to N Female Adapter
More results

Similar Description - PE9006

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9006 PASTERNACK-PE9006 Datasheet
474Kb / 3P
   N Female to N Female Adapter
PE9428 PASTERNACK-PE9428 Datasheet
346Kb / 4P
   Precision N Female to N Female Adapter
PE9298 PASTERNACK-PE9298 Datasheet
233Kb / 2P
   N Female to LC Female Adapter
PE9292 PASTERNACK-PE9292 Datasheet
232Kb / 2P
   N Female to SC Female Adapter
PE9292 PASTERNACK-PE9292 Datasheet
232Kb / 2P
   N Female to SC Female Adapter
PE9206 PASTERNACK-PE9206 Datasheet
251Kb / 3P
   N Female to BNC Female Adapter
PE9354 PASTERNACK-PE9354 Datasheet
250Kb / 2P
   SSMA Female to N Female Adapter
PE9131 PASTERNACK-PE9131 Datasheet
251Kb / 3P
   N Female to TNC Female Adapter
PE9385 PASTERNACK-PE9385 Datasheet
240Kb / 2P
   N Female to UHF Female Adapter
PE9360 PASTERNACK-PE9360 Datasheet
241Kb / 2P
   N Female to HN Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com