Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK325BJ226ML Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # LMK325BJ226ML
Description  5A, 2MHz, High Efficiency Synchronous Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

LMK325BJ226ML Datasheet(HTML) 2 Page - Richtek Technology Corporation

  LMK325BJ226ML Datasheet HTML 1Page - Richtek Technology Corporation LMK325BJ226ML Datasheet HTML 2Page - Richtek Technology Corporation LMK325BJ226ML Datasheet HTML 3Page - Richtek Technology Corporation LMK325BJ226ML Datasheet HTML 4Page - Richtek Technology Corporation LMK325BJ226ML Datasheet HTML 5Page - Richtek Technology Corporation LMK325BJ226ML Datasheet HTML 6Page - Richtek Technology Corporation LMK325BJ226ML Datasheet HTML 7Page - Richtek Technology Corporation LMK325BJ226ML Datasheet HTML 8Page - Richtek Technology Corporation LMK325BJ226ML Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
RT8072
2
DS8072-01
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin No.
SOP-8
(Exposed Pad)
WDFN-12L 3x3
Pin Name
Pin Function
1
1
COMP
Compensation Node.
2
--
GND
Analog Ground.
3
4
EN
Chip Enable. Externally pulled high to enable and pulled low to
disable this chip, and it is internally pulled up to high when the
pin is floating.
4
5, 6
VIN
Power Input.
5
7
BOOT
Bootstrap Supply for High Side Gate Driver.
6
8, 9, 10
LX
Switch Node.
7
11
RT
Frequency Setting.
8
12
FB
Feedback Voltage Input.
9
13
(Exposed Pad)
PGND
Power Ground. The exposed pad must be shouldered to a
large PCB and connected to PGND for maximum power
dissipation.
--
2
PGOOD
Power Good Indicator with Open Drain Output. It is high
impedance when the output voltage is regulated. It is internally
pulled low when the chip is shutdown, thermal shutdown or
VIN is under UVLO threshold.
--
3
SS
Soft-Start Control.
Functional Pin Description
Pin Configurations
(TOP VIEW)
SOP-8 (Exposed Pad)
WDFN-12L 3x3
COMP
GND
EN
VIN
FB
RT
BOOT
LX
PGND
2
3
4
5
6
7
8
9
COMP
PGOOD
VIN
EN
FB
RT
LX
LX
LX
SS
VIN
BOOT
11
10
9
1
2
3
4
5
12
67
8
13


Similar Part No. - LMK325BJ226ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
LMK325BJ226ML RICHTEK-LMK325BJ226ML Datasheet
296Kb / 15P
   2A, 2MHz, Synchronous Step-Down Regulator
LMK325BJ226ML RICHTEK-LMK325BJ226ML Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
LMK325BJ226ML RICHTEK-LMK325BJ226ML Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
LMK325BJ226ML RICHTEK-LMK325BJ226ML Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
LMK325BJ226ML RICHTEK-LMK325BJ226ML Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - LMK325BJ226ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
   6A, 2MHz, High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2318 MPS-MP2318 Datasheet
1Mb / 18P
   High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
MP2313 MPS-MP2313 Datasheet
837Kb / 19P
   High Efficiency 1A, 24V, 2MHz Synchronous Step Down Converter
NB634 MPS-NB634 Datasheet
349Kb / 13P
   High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
MP2225 MPS-MP2225 Datasheet
935Kb / 20P
   High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
EV2318-J-00A MPS-EV2318-J-00A Datasheet
236Kb / 6P
   High Efficiency,24V,2A,2MHz,Synchronous Step-Down Converter Evaluation Board
EV2313-J-00A MPS-EV2313-J-00A Datasheet
324Kb / 6P
   High Efficiency,24V,1A,2MHz,Synchronous Step-Down Converter Evaluation Board
MP4470 MPS-MP4470 Datasheet
930Kb / 18P
   High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
MP9447 MPS-MP9447 Datasheet
726Kb / 19P
   High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com