Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8078A Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8078A
Description  4A, 1MHz, Synchronous Step-Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8078A Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8078A Datasheet HTML 1Page - Richtek Technology Corporation RT8078A Datasheet HTML 2Page - Richtek Technology Corporation RT8078A Datasheet HTML 3Page - Richtek Technology Corporation RT8078A Datasheet HTML 4Page - Richtek Technology Corporation RT8078A Datasheet HTML 5Page - Richtek Technology Corporation RT8078A Datasheet HTML 6Page - Richtek Technology Corporation RT8078A Datasheet HTML 7Page - Richtek Technology Corporation RT8078A Datasheet HTML 8Page - Richtek Technology Corporation RT8078A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT8078A
1
DS8078A-01 June 2011
www.richtek.com
Applications
Portable Instruments
Battery Powered Equipment
Notebook Computers
Distributed Power Systems
IP Phones
Digital Cameras
Pin Configurations
(TOP VIEW)
WDFN-10L 3x3
4A, 1MHz, Synchronous Step-Down Converter
General Description
The RT8078A is a high efficiency synchronous, step-down
DC/DC converter. It's input voltage range from 2.7V to 5.5V
that provides an adjustable regulated output voltage from
0.6V to VIN while delivering up to 4A of output current.
The internal synchronous low on-resistance power
switches increase efficiency and eliminate the need for
an external Schottky diode. The switching frequency is
fixed internally at 1MHz. The 100% duty cycle provides
low dropout operation, hence extending battery life in
portable systems. Current mode operation with internal
compensation allows the transient response to be
optimized over a wide range of loads and output capacitors.
The RT8078A is operated in PWM mode to achieve high
efficiency for a wide load range. The RT8078A is available
in WDFN-10L 3x3 and SOP-8 (Exposed Pad) packages.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Features
High Efficiency : Up to 95%
Fixed Frequency : 1MHz
No Schottky Diode Required
Internal Compensation
0.6V Reference Allows Low Output Voltage
PWM Mode Operation
Low Dropout Operation : 100% Duty Cycle
OCP, UVP, OVP, OTP
RoHS Compliant and Halogen Free
SOP-8 (Exposed Pad)
9
8
7
1
2
3
4
5
10
6
11
LX
PGOOD
LX
EN
LX
PVIN
NC
PVIN
SVIN
FB
LX
LX
PGOOD
EN
PVIN
PVIN
FB
SVIN
GND
2
3
4
5
6
7
8
9
Package Type
QW : WDFN-10L 3x3 (W-Type)
SP : SOP-8 (Exposed Pad-Option 2)
RT8078A
Lead Plating System
G : Green (Halogen Free and Pb Free)
Z : ECO (Ecological Element with
Halogen Free and Pb free)


Similar Part No. - RT8078A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
   4A, 2MHz, Synchronous Step-Down Converter
RT8072 RICHTEK-RT8072 Datasheet
292Kb / 16P
   5A, 2MHz, High Efficiency Synchronous Step-Down Converter
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
   6A, 2MHz, High Efficiency Synchronous Step-Down Converter
RT8074 RICHTEK-RT8074 Datasheet
145Kb / 10P
   4A, 2MHz, Synchronous Step-Down Converter
RT8075 RICHTEK-RT8075 Datasheet
177Kb / 11P
   Dual 1A, 1.25MHz Synchronous Step-Down Converter
More results

Similar Description - RT8078A

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3427A EUTECH-EUP3427A Datasheet
79Kb / 1P
   4A, Synchronous Step-Down Converter
EUP3427 EUTECH-EUP3427 Datasheet
201Kb / 2P
   4A, Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
   1A, 1MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2105 MPS-MP2105 Datasheet
270Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
MP2105 MPS-MP2105_06 Datasheet
285Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
MP2112 MPS-MP2112 Datasheet
278Kb / 8P
   1MHz, 1A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT5771A RICHTEK-RT5771A Datasheet
176Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
June 2019
logo
Eutech Microelectronics...
EUP3425 EUTECH-EUP3425 Datasheet
250Kb / 2P
   5A, 1MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8061A RICHTEK-RT8061A Datasheet
195Kb / 12P
   3A, 1MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com