Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8074 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8074
Description  4A, 2MHz, Synchronous Step-Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8074 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8074 Datasheet HTML 1Page - Richtek Technology Corporation RT8074 Datasheet HTML 2Page - Richtek Technology Corporation RT8074 Datasheet HTML 3Page - Richtek Technology Corporation RT8074 Datasheet HTML 4Page - Richtek Technology Corporation RT8074 Datasheet HTML 5Page - Richtek Technology Corporation RT8074 Datasheet HTML 6Page - Richtek Technology Corporation RT8074 Datasheet HTML 7Page - Richtek Technology Corporation RT8074 Datasheet HTML 8Page - Richtek Technology Corporation RT8074 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT8074
2
DS8074-07
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Function Block Diagram
Pin No.
Pin Name
Pin Function
1
COMP
Error Amplifier Compensation Point. The current comparator threshold increases
with this control voltage. Connect external compensation elements to this pin to
stabilize the control loop.
2,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to GND
for maximum power dissipation.
3
EN
Enable Control Input. Float or connect this pin to logic high for enable. Connect to
GND for disable.
4
VIN
Power Input Supply. Decouple this pin to GND with a capacitor.
5, 6
LX
Internal Power MOSFET Switches Output. Connect this pin to the inductor.
7
RT
Oscillator Resistor Input. Connecting a resistor from this pin to GND sets the
switching frequency. If this pin is floating, the frequency will be set at 2MHz
internally.
8
FB
Feedback. Receives the feedback voltage from a resistive divider connected across
the output.
Marking Information
RT8074GSP : Product Number
YMDNN : Date Code
RT8074
GSPYMDNN
Driver
NISEN
Control
Logic
N-MOS ILIM
0.7V
0.4V
ISEN
Slope
Com
OSC
Output
Clamp
EA
0.8V
Int-SS
Enable
OTP
COMP
RT
FB
VIN
GND
SD
LX
UV
P-G
Hiccup
OC
Limit
EN


Similar Part No. - RT8074

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
   4A, 2MHz, Synchronous Step-Down Converter
RT8072 RICHTEK-RT8072 Datasheet
292Kb / 16P
   5A, 2MHz, High Efficiency Synchronous Step-Down Converter
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
   6A, 2MHz, High Efficiency Synchronous Step-Down Converter
RT8075 RICHTEK-RT8075 Datasheet
177Kb / 11P
   Dual 1A, 1.25MHz Synchronous Step-Down Converter
RT8078A RICHTEK-RT8078A Datasheet
176Kb / 12P
   4A, 1MHz, Synchronous Step-Down Converter
More results

Similar Description - RT8074

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
   4A, 2MHz, Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3427A EUTECH-EUP3427A Datasheet
79Kb / 1P
   4A, Synchronous Step-Down Converter
EUP3427 EUTECH-EUP3427 Datasheet
201Kb / 2P
   4A, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com