Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012X5R0J106M Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # C2012X5R0J106M
Description  1.2MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C2012X5R0J106M Datasheet(HTML) 5 Page - Richtek Technology Corporation

  C2012X5R0J106M Datasheet HTML 1Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 2Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 3Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 4Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 5Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 6Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 7Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 8Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RT8058A
5
DS8058A-02 April 2011
www.richtek.com
Typical Operating Characteristics
Switching Frequency vs. Temperature
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VIN = 3.3V, VOUT = 1.2V, IOUT = 300mA
Switching Frequency vs. Input Voltage
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
VOUT = 1.2V, IOUT = 300mA
FB Voltage vs. Temperature
0.580
0.582
0.584
0.586
0.588
0.590
0.592
0.594
0.596
0.598
0.600
-50
-25
0
25
50
75
100
125
Temperature
VIN = 3.3V, IOUT = 0A
(
°C)
Output Voltage vs. Input Voltage
1.190
1.191
1.192
1.193
1.194
1.195
1.196
1.197
1.198
1.199
1.200
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
IOUT = 0A
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Output Current (A)
VIN = 3.3V
VIN = 5V
VOUT = 1.2V, L = 3.3
μH, COUT = 22μF
Output Voltage vs. Output Current
1.188
1.189
1.190
1.191
1.192
1.193
1.194
1.195
1.196
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Output Current (A)
VIN = 3.3V
VIN = 5V
VOUT = 1.2V, L = 3.3
μH, COUT = 22μF


Similar Part No. - C2012X5R0J106M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
C2012X5R0J106M TI-C2012X5R0J106M Datasheet
380Kb / 8P
[Old version datasheet]   Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
logo
Richtek Technology Corp...
C2012X5R0J106M RICHTEK-C2012X5R0J106M Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
C2012X5R0J106M RICHTEK-C2012X5R0J106M Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
C2012X5R0J106M RICHTEK-C2012X5R0J106M Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
C2012X5R0J106M RICHTEK-C2012X5R0J106M Datasheet
174Kb / 11P
   1.2MHz/1.2A Buck Converter with Programmable Average Input Current Limit
More results

Similar Description - C2012X5R0J106M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8058 RICHTEK-RT8058 Datasheet
237Kb / 15P
   1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8042B BELLING-BL8042B Datasheet
818Kb / 6P
   High Efficiency 1.2MHz 28V 2A Step-up DC/DC Converter
logo
Fitipower Integrated Te...
FR9886A FITIPOWER-FR9886A Datasheet
654Kb / 13P
   21V, 2A, 1.2MHz Synchronous Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Unisonic Technologies
P1696_1109 UTC-P1696_1109 Datasheet
223Kb / 7P
   200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE150X ACE-ACE150X Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
logo
Unisonic Technologies
P1696 UTC-P1696_13 Datasheet
248Kb / 7P
   200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696 Datasheet
112Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com