Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8057A Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8057A
Description  2.25MHz 1A Synchronous Step-Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8057A Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8057A Datasheet HTML 1Page - Richtek Technology Corporation RT8057A Datasheet HTML 2Page - Richtek Technology Corporation RT8057A Datasheet HTML 3Page - Richtek Technology Corporation RT8057A Datasheet HTML 4Page - Richtek Technology Corporation RT8057A Datasheet HTML 5Page - Richtek Technology Corporation RT8057A Datasheet HTML 6Page - Richtek Technology Corporation RT8057A Datasheet HTML 7Page - Richtek Technology Corporation RT8057A Datasheet HTML 8Page - Richtek Technology Corporation RT8057A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT8057A
1
DS8057A-00 March 2011
www.richtek.com
Pin Configurations
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
(TOP VIEW)
WDFN-6SL 2x2
2.25MHz 1A Synchronous Step-Down Converter
General Description
The RT8057A is a high efficiency Pulse-Width-Modulated
(PWM) step-down DC/DC converter, capable of delivering
1A output current over a wide input voltage range from 2.7V
to 5.5V. The RT8057A is ideally suited for portable
electronic devices that are powered from 1-cell Li-ion
battery or from other power sources such as cellular
phones, PDAs, hand-held devices, game console and
related accessories.
The internal synchronous rectifier with low RDS(ON)
dramatically reduces conduction loss at PWM mode.
No external Schottky diode is required in practical
applications. The RT8057A enters Low Dropout Mode when
normal Pulse -Width Mode cannot provide regulated output
voltage by continuously turning on the upper P-MOSFET.
The RT8057A enters shut-down mode and consumes less
than 1
μA when the EN pin is pulled low. The switching
ripple is easily smoothed-out by small package filtering
elements due to a fixed operating frequency of 2.25MHz.
The RT8057A is available in a small WDFN-6SL 2x2
package.
Features
2.7V to 5.5V Wide Input Operation Range
2.25MHz Fixed-Frequency PWM Operation
Up to 1A Output Current
Up to 90% Efficiency
0.6V Reference Allows Low Output Voltage
Internal Soft-Start
No Schottky Diode Required
Internal Compensation to Reduce External
Components
Low Dropout Operation : 100% Duty Cycle
RoHS Compliant and Halogen Free
Applications
Portable Instruments
Game Console and Accessories
Microprocessors and DSP Core Supplies
Cellular Phones
Wireless and DSL Modems
PC Cards
LX
NC
GND
VIN
EN
FB
5
4
1
2
3
6
7
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
VIN
EN
GND
LX
FB
4
23
5
TSOT-23-5
RT8057A
Package Type
QW : WDFN-6SL 2x2 (W-Type)
J5 : TSOT-23-5
Lead Plating System
G : Green (Halogen Free and Pb Free)
Pin 1 Orientation
(2) : Quadrant 2, Follow EIA-481-D
(For WDFN-6SL 2x2 Only)
(2)


Similar Part No. - RT8057A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8057 RICHTEK-RT8057 Datasheet
224Kb / 11P
   2.25MHz 1A Synchronous Step-Down Converter
More results

Similar Description - RT8057A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8057 RICHTEK-RT8057 Datasheet
224Kb / 11P
   2.25MHz 1A Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510_16 Datasheet
585Kb / 13P
   1A, 2.25MHz, Synchronous Step-Down DC-DC Converter
logo
Eutech Microelectronics...
EUP3260 EUTECH-EUP3260 Datasheet
90Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3290 EUTECH-EUP3290 Datasheet
761Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3402 EUTECH-EUP3402 Datasheet
128Kb / 1P
   Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3292 EUTECH-EUP3292 Datasheet
658Kb / 1P
   Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Linear Integrated Syste...
LTC3542EDC LINEAR-LTC3542EDC Datasheet
199Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down
logo
Linear Technology
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3410ESC6 LINER-LTC3410ESC6 Datasheet
307Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com