Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012X5R0J106M Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # C2012X5R0J106M
Description  3A, 2MHz, Synchronous Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C2012X5R0J106M Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button C2012X5R0J106M Datasheet HTML 5Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 6Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 7Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 8Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 9Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 10Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 11Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 12Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
RT8055
9
DS8055-05
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The basic RT8055 application circuit is shown in Typical
Application Circuit. External component selection is
determined by the maximum load current and begins with
the selection of the inductor value and operating frequency
followed by CIN and COUT.
Output Voltage Setting
The output voltage is set by an external resistive divider
according to the following equation :
Figure 1. Setting the Output Voltage
⎛ +
×
=
R2
R1
1
V
V
REF
OUT
Soft-Start
The RT8055 contains an internal soft-start clamp that
gradually raises the clamp on the COMP pin.
Operating Frequency
Selection of the operating frequency is a tradeoff between
efficiency and component size. High frequency operation
allows the use of smaller inductor and capacitor values.
Operation at lower frequency improves efficiency by
reducing internal gate charge and switching losses but
requires larger inductance and/or capacitance to maintain
low output ripple voltage.
The operating frequency of the RT8055 is determined by
an external resistor that is connected between the SHDN/
RT pin and GND. The value of the resistor sets the ramp
current that is used to charge and discharge an internal
timing capacitor within the oscillator. The RT resistor value
can be determined by examining the frequency vs. RRT
curve. Although frequencies as high as 2MHz are possible,
the minimum on-time of the RT8055 imposes a minimum
limit on the operating duty cycle. The minimum on-time
is typically 110ns. Therefore, the minimum duty cycle is
equal to 100 x 110ns x f (Hz).
Figure 2
RT8055
FB
GND
VOUT
R1
R2
100% Duty Cycle Operation
When the input supply voltage decreases toward the output
voltage, the duty cycle increases toward the maximum
on-time. Further reduction of the supply voltage forces
the main switch to remain on for more than one cycle
eventually reaching 100% duty cycle.
The output voltage will then be determined by the input
voltage minus the voltage drop across the internal
P-MOSFET and the inductor.
Low Supply Operation
The RT8055 is designed to operate down to an input supply
voltage of 2.6V. One important consideration at low input
supply voltages is that the RDS(ON) of the P-Channel and
N-Channel power switches increases. The user should
calculate the power dissipation when the RT8055 is used
at 100% duty cycle with low input voltages to ensure that
thermal limits are not exceeded.
Slope Compensation and Inductor Peak Current
Slope compensation provides stability in constant
frequency architectures by preventing sub-harmonic
oscillations at duty cycles greater than 50%. It is
accomplished internally by adding a compensating ramp
to the inductor current signal. Normally, the maximum
inductor peak current is reduced when slope compensation
is added. In the RT8055, however, separated inductor
current signals are used to monitor over current condition.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
200
400
600
800
1000
ROSC (K )
ROSC (k
Ω)
RRT = 180k for 1.8MHz
where VREF equals to 0.8V typical.
The resistive divider allows the FB pin to sense a fraction
of the output voltage as shown in Figure 1.


Similar Part No. - C2012X5R0J106M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
C2012X5R0J106M TI-C2012X5R0J106M Datasheet
380Kb / 8P
[Old version datasheet]   Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
logo
Richtek Technology Corp...
C2012X5R0J106M RICHTEK-C2012X5R0J106M Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
C2012X5R0J106M RICHTEK-C2012X5R0J106M Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
C2012X5R0J106M RICHTEK-C2012X5R0J106M Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
C2012X5R0J106M RICHTEK-C2012X5R0J106M Datasheet
174Kb / 11P
   1.2MHz/1.2A Buck Converter with Programmable Average Input Current Limit
More results

Similar Description - C2012X5R0J106M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8065 RICHTEK-RT8065 Datasheet
204Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
   4A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com