Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012JB0J106M Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # C2012JB0J106M
Description  Dual 800mA, 1.25MHz Synchronous Step-Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C2012JB0J106M Datasheet(HTML) 5 Page - Richtek Technology Corporation

  C2012JB0J106M Datasheet HTML 1Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 2Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 3Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 4Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 5Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 6Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 7Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 8Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RT8035
5
DS8035-05 October 2012
www.richtek.com
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Typical Operating Characteristics
Frequency vs. Temperature
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 3.3V, VOUT = 1.2V
Reference Voltage vs. Temperature
0.580
0.585
0.590
0.595
0.600
0.605
0.610
0.615
0.620
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 2.5V, VOUT = 1.2V, IOUT = 0.1A
Reference Voltage vs. Input Voltage
0.580
0.585
0.590
0.595
0.600
0.605
0.610
0.615
0.620
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
VOUT = 1.2V, IOUT = 0.1A
Current Limit vs Temperature
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 3.3V, VOUT = 1.2V
Output Voltage vs. Output Current
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
1.225
1.230
0
0.1
0.2 0.3
0.4
0.5
0.6
0.7 0.8
0.9
1
Output Current (A)
VIN = 3.3V
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Output Current (A)
VIN = 2.5V
VIN = 3.3V
VIN = 5.5V
VOUT = 1.2V


Similar Part No. - C2012JB0J106M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
C2012JB0J106M RICHTEK-C2012JB0J106M Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
C2012JB0J106M RICHTEK-C2012JB0J106M Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
C2012JB0J106M RICHTEK-C2012JB0J106M Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
C2012JB0J106M RICHTEK-C2012JB0J106M Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
C2012JB0J106M RICHTEK-C2012JB0J106M Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
More results

Similar Description - C2012JB0J106M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8075 RICHTEK-RT8075 Datasheet
177Kb / 11P
   Dual 1A, 1.25MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2109 MPS-MP2109 Datasheet
298Kb / 8P
   Dual 1.2MHz, 800mA Synchronous Step-Down Converter
MP2109 MPS-MP2109_06 Datasheet
313Kb / 8P
   Dual 1.2MHz, 800mA Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3409 EUTECH-EUP3409 Datasheet
765Kb / 10P
   Dual 1.5MHz, 800mA Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2105 MPS-MP2105 Datasheet
270Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
MP2105 MPS-MP2105_06 Datasheet
285Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
logo
List of Unclassifed Man...
SP6669EB ETC-SP6669EB Datasheet
286Kb / 6P
   800mA 1.5MHz Synchronous Step-Down Converter
April 2021
logo
Monolithic Power System...
EV2105DJ-00A MPS-EV2105DJ-00A Datasheet
161Kb / 4P
   800mA Synchronous Buck Step-Down Converter
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
MIC2238 MICREL-MIC2238 Datasheet
786Kb / 16P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com