Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8048 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8048
Description  3MHz 1A Step-Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8048 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8048 Datasheet HTML 1Page - Richtek Technology Corporation RT8048 Datasheet HTML 2Page - Richtek Technology Corporation RT8048 Datasheet HTML 3Page - Richtek Technology Corporation RT8048 Datasheet HTML 4Page - Richtek Technology Corporation RT8048 Datasheet HTML 5Page - Richtek Technology Corporation RT8048 Datasheet HTML 6Page - Richtek Technology Corporation RT8048 Datasheet HTML 7Page - Richtek Technology Corporation RT8048 Datasheet HTML 8Page - Richtek Technology Corporation RT8048 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RT8048
4
DS8048-01
June 2011
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN ---------------------------------------------------------------------------------------------- 6.5V
Power Dissipation, PD @ TA = 25
°C
WDFN-6L 2x2 ------------------------------------------------------------------------------------------------------------- 0.833W
Package Thermal Resistance (Note 2)
WDFN-6L 2x2,
θJA ------------------------------------------------------------------------------------------------------- 120°C/W
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------------------- 260
°C
Junction Temperature --------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range -------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM ------------------------------------------------------------------------------------------------------------------------ 2kV
MM -------------------------------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ---------------------------------------------------------------------------------------------- 2.5V to 5.5V
Junction Temperature Range ------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ------------------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
IQ
--
81
--
μA
Reference Voltage
VREF
0.588
0.6
0.612
V
VIN Rising
--
2.3
--
Under Voltage Lockout Threshold
VUVLO
VIN Falling
--
2.1
--
V
Shutdown Current
ISHDN
--
0.1
1
μA
Switching Frequency
fOSC
--
3
--
MHz
Logic-High VIH
1.5
--
VIN
EN Input Threshold
Voltage
Logic-Low
VIL
--
--
0.4
V
Thermal Shutdown Temperature
TSD
--
140
--
°C
Switch On Resistance, High
RPFET
ILX = 0.2A
--
250
--
m
Ω
Switch On Resistance, Low
RNFET
ILX = 0.2A
--
260
--
m
Ω
Peak Current Limit
ILIM
--
1.5
--
A
Output Voltage Line Regulation
VIN = 2.5V to 5.5V
--
--
1
%/V
Output Voltage Load Regulation
0mA < ILOAD < 0.6A
--
--
1
%
(VIN = 3.6V, TA = 25
°C unless otherwise specified)


Similar Part No. - RT8048

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8004 RICHTEK-RT8004 Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
RT8004A RICHTEK-RT8004A Datasheet
309Kb / 13P
   The RT8004A is a high efficiency synchronous
RT8004GQV RICHTEK-RT8004GQV Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
RT8004PCP RICHTEK-RT8004PCP Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
RT8004PQV RICHTEK-RT8004PQV Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
More results

Similar Description - RT8048

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
   3MHz 1A Step-Down Converter
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
   3MHz, 1A STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2304 PAM-PAM2304 Datasheet
338Kb / 14P
   3MHz, 1A Step-Down DC-DC Converter
logo
Monolithic Power System...
MP2128 MPS-MP2128 Datasheet
330Kb / 8P
   2.5V-6V Input, 3MHz, 1A Synchronous Step-Down Converter
logo
Microsemi Corporation
LX7167 MICROSEMI-LX7167 Datasheet
580Kb / 12P
   3MHz, 2.4A Step Down Converter
Aug 2013 Rev. 1.1
logo
ACE Technology Co., LTD...
ACE722E ACE-ACE722E Datasheet
1Mb / 16P
   3MHz 2A Step-Down Converter
VER 1.1
logo
Richtek Technology Corp...
RT8280 RICHTEK-RT8280 Datasheet
249Kb / 16P
   3A, 24V, 3MHz Step-Down Converter
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
   2A, 24V, 3MHz Step-Down Converter
logo
Power Analog Micoelectr...
PAM2321 PAM-PAM2321 Datasheet
525Kb / 11P
   3MHz,Fast Transient 2A Step-Down Converter
logo
Advanced Analogic Techn...
AAT1149 ANALOGICTECH-AAT1149_08 Datasheet
1Mb / 21P
   3MHz Fast Transient 400mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com