Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012JB0J106M Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # C2012JB0J106M
Description  1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C2012JB0J106M Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button C2012JB0J106M Datasheet HTML 2Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 3Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 4Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 5Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 6Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 7Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 8Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 9Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
RT8025
6
DS8025-02 March 2011
www.richtek.com
Typical Operating Characteristics
Frequency vs. Temperature
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
-50
-25
0
25
50
75
100
125
Temperature
VIN = 3.3V, VOUT = 1.8V
(
°C)
Frequency vs. Input Voltage
1.14
1.16
1.18
1.20
1.22
1.24
1.26
2.5
2.8 3.1
3.4
3.7
4
4.3
4.6
4.9 5.2
5.5
Input Voltage (V)
VOUT = 1.8V
Current Limit vs. Input Voltage
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.5
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
Input Voltage (V)
VOUT = 1.8V
Reference vs. Input Voltage
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.56
0.58
0.60
2.5
2.8 3.1
3.4 3.7
4
4.3
4.6 4.9
5.2 5.5
Input Voltage (V)
VOUT = 1.8V
Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
0.01
0.11
0.21
0.31
0.41
0.51
0.61
Load Current (A)
VIN = 3.3V
VIN = 5V
VOUT = 1.8V
Load Regulation
1.770
1.775
1.780
1.785
1.790
1.795
1.800
1.805
1.810
0.1
0.15
0.2
0.25
0.3
0.35
0.4
Load Current (A)
VIN = 3.3V
VIN = 5.5V
VIN = 2.5V
VOUT = 1.8V


Similar Part No. - C2012JB0J106M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
C2012JB0J106M RICHTEK-C2012JB0J106M Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
C2012JB0J106M RICHTEK-C2012JB0J106M Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
C2012JB0J106M RICHTEK-C2012JB0J106M Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
C2012JB0J106M RICHTEK-C2012JB0J106M Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
C2012JB0J106M RICHTEK-C2012JB0J106M Datasheet
223Kb / 11P
   Dual 800mA, 1.25MHz Synchronous Step-Down Converter
More results

Similar Description - C2012JB0J106M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8009 RICHTEK-RT8009 Datasheet
272Kb / 13P
   1.25MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Silan Microelectronics ...
SC46208 SILAN-SC46208 Datasheet
547Kb / 10P
   1.25MHz, 600mA, HIGH EFFICIENCY SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com