Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8016-18PQW Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8016-18PQW
Description  1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8016-18PQW Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8016-18PQW Datasheet HTML 5Page - Richtek Technology Corporation RT8016-18PQW Datasheet HTML 6Page - Richtek Technology Corporation RT8016-18PQW Datasheet HTML 7Page - Richtek Technology Corporation RT8016-18PQW Datasheet HTML 8Page - Richtek Technology Corporation RT8016-18PQW Datasheet HTML 9Page - Richtek Technology Corporation RT8016-18PQW Datasheet HTML 10Page - Richtek Technology Corporation RT8016-18PQW Datasheet HTML 11Page - Richtek Technology Corporation RT8016-18PQW Datasheet HTML 12Page - Richtek Technology Corporation RT8016-18PQW Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RT8016L
10
DS8016L-02 March 2011
www.richtek.com
looking into the LX pin is a function of both top and bottom
MOSFET RDS(ON) and the duty cycle (DC) as follows :
RSW = RDS(ON)TOP x DC
+ RDS(ON)BOT x (1−DC)
The RDS(ON) for both the top and bottom MOSFETs can be
obtained from the Typical Operating Characteristics curves.
Thus, to obtain I2R losses, simply add RSW to RL and
multiply the result by the square of the average output
current.
Other losses including CIN and COUT ESR dissipative
losses and inductor core losses generally account for less
than 2% of the total loss.
Checking Transient Response
The regulator loop response can be checked by looking
at the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to ΔILOAD (ESR), where ESR is the effective series
resistance of COUT. ΔILOAD also begins to charge or
discharge COUT generating a feedback error signal used
by the regulator to return VOUT to its steady state value.
During this recovery time, VOUT can be monitored for
overshoot or ringing which would indicate a stability
problem.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TA is
the ambient temperature, and
θJA is the junction to ambient
thermal resistance.
For recommended operating condition specifications of
the RT8016L, the maximum junction temperature is 125
°C
and TA is the ambient temperature. The junction to ambient
thermal resistance,
θJA, is layout dependent. For WQFN-
8L 1.6x1.6 (COL) packages, the thermal resistance,
θJA,
is 120
°C/W on a standard JEDEC 51-7 four-layer thermal
test board. The maximum power dissipation at TA = 25
°C
can be calculated by the following formula:
PD(MAX) = (125
°C − 25°C) / (120°C/W) = 0.833W
for WQFN-8L 1.6x1.6 (COL) package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ (MAX) and thermal
resistance,
θJA. For the RT8016L package, the derating
curve in Figure 4 allows the designer to see the effect of
rising ambient temperature on the maximum power
dissipation.
Layout Considerations
Follow the PCB layout guidelines for optimal performance
of the RT8016L.
For the main current paths, keep their traces short and
wide.
Put the input capacitor as close as possible to the device
pins (VIN and GND).
LX node is with high frequency voltage swing and should
be kept in a small area. Keep analog components away
from LX node to prevent stray capacitive noise pick-up.
Connect feedback network behind the output capacitors.
Keep the loop area small. Place the feedback
components near the RT8016L.
Connect all analog grounds to a common node and then
connect the common node to the power ground behind
the output capacitors.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
25
50
75
100
125
Ambient Temperature (°C)
Four Layer PCB
(
°C)
Figure 4


Similar Part No. - RT8016-18PQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8016-18PQW RICHTEK-RT8016-18PQW Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results

Similar Description - RT8016-18PQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Lowpower Semiconductor ...
LP3203 POWER-LP3203 Datasheet
360Kb / 10P
   1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
Richtek Technology Corp...
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com